Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 41Page - National Semiconductor (TI) SC1100 Datasheet HTML 42Page - National Semiconductor (TI) SC1100 Datasheet HTML 43Page - National Semiconductor (TI) SC1100 Datasheet HTML 44Page - National Semiconductor (TI) SC1100 Datasheet HTML 45Page - National Semiconductor (TI) SC1100 Datasheet HTML 46Page - National Semiconductor (TI) SC1100 Datasheet HTML 47Page - National Semiconductor (TI) SC1100 Datasheet HTML 48Page - National Semiconductor (TI) SC1100 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 348 page
background image
Revision 1.1
45
www.national.com
Signal Definitions (Continued)
PWRBTN#
AF15
I
Power Button. An input used by the power management
logic to monitor external system events, most typically a
system on/off button or switch.
This signal has an internal pull-up of 100 K
Ω, a Schmitt-
trigger input buffer and debounce protection of at least 16
ms.
Asserting POR# has no effect on ACPI. If POR# is
asserted and ACPI was active prior to POR#, then ACPI
will remain active after POR#. Therefore, BIOS must
ensure that ACPI is inactive before GPIO63 is pulsed
low.
Note:
This signal can be pulled down internally by soft-
ware control. This is done by enabling internal
GPIO63 to be an output, for at least 16 ms
(F0BAR0+I/O Offset 20h and 24h).
---
PWRCNT1
AE17
O
Suspend Power Plane Control 1 and 2. Control signals
asserted during power management Suspend states.
These signals are open-drain outputs.
---
PWRCNT2
AF18
O
---
THRM#
AE15
I
Thermal Event. An active low signal generated by exter-
nal hardware indicating that the system temperature is
too high.
---
2.4.12 GPIO Interface Signals
Name
Ball No.
Type
Description
Mux
GPIO0
B22
I/O
GPIO Port 0. Each signal is configured
independently as an input or I/O, with
or without static pull-up, and with either
open-drain or totem-pole output type.
A debouncer and an interrupt can be
enabled or masked for each of signals
GPIO[0:3] and GPIO[6:15] indepen-
dently.
TRDE#
GPIO1
AD24
FPCICLK
GPIO2
B21
F5BAR4CS#
GPIO3
A22
F5BAR5CS#
GPIO6
AD12
DTR#/BOUTIDE_IOR1#+INTR_O
GPIO7
AF11
RTS#+IDE_DACK1#+F_C/BE3#
GPIO8
AC12
CTS#+IDE_DREQ1+SMI_O
GPIO9
AE12
DCD#+IDE_IOW1#+F_IRDY#
GPIO10
AF12
DSR#+IDE_IORDY1+F_FRAME#
GPIO11
AF19
RI#+IRQ15
GPIO12
AE23
AB2C+F_AD3
GPIO13
AD23
AB2D+F_AD4
GPIO14
D22
IOCS1#+IOR#+DOCR#
GPIO15
C22
IOW#+DOCW#
GPIO16
AE18
PC_BEEP+IRRX1+F_DEVSEL#
GPIO17
B23
IOCS0#+IOCHRDY
GPIO18
AC24
F_AD0
GPIO19
Y24
INTC#
GPIO20
D21
DOCCS#
2.4.11 Power Management Interface Signals (Continued)
Signal Name
Ball No.
Type
Description
Mux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com