Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 32Page - National Semiconductor (TI) SC1100 Datasheet HTML 33Page - National Semiconductor (TI) SC1100 Datasheet HTML 34Page - National Semiconductor (TI) SC1100 Datasheet HTML 35Page - National Semiconductor (TI) SC1100 Datasheet HTML 36Page - National Semiconductor (TI) SC1100 Datasheet HTML 37Page - National Semiconductor (TI) SC1100 Datasheet HTML 38Page - National Semiconductor (TI) SC1100 Datasheet HTML 39Page - National Semiconductor (TI) SC1100 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 348 page
background image
www.national.com
36
Revision 1.1
Signal Definitions (Continued)
2.4
SIGNAL DESCRIPTIONS
Information in the tables that follow may have duplicate information in multiple tables. Multiple references all contain identi-
cal information.
2.4.1
System Interface
Signal Name
Ball No.
Type
Description
Mux
CLKSEL1
AD25
I
Fast-PCI Clock Selects. These strap signals are used to
set the internal Fast-PCI clock.
00 = 33.3 MHz
01 = Reserved
10 = 66.7 MHz
11 = 33.3 MHz
During system reset, an internal pull-down resistor of 100
K
Ω exists on these balls. An external pull-up or pull-down
resistor of 1.5 K
Ω must be used.
GNT1#
CLKSEL0
D23
RD#
CLKSEL3
AE22
I
Maximum Core Clock Multiplier. These strap signals
are used to set the maximum allowed multiplier value for
the core clock.
During system reset, an internal pull-down resistor of 100
K
Ω exists on these balls. An external pull-up or pull-down
resistor of 1.5 K
Ω must be used.
SYNC
CLKSEL2
AD22
SDATA_OUT
BOOT16
C23
I
Boot ROM is 16 Bits Wide. This strap signal enables
the optional 16-bit wide Sub-ISA bus.
During system reset, an internal pull-down resistor of 100
K
Ω exists on these balls. An external pull-up or pull-down
resistor of 1.5 K
Ω must be used.
ROMCS#
LPC_ROM
AB26
I
LPC_ROM. If pulled high during reset, this strap signal
forces selection of the LPC bus and sets bit F0BAR1+I/O
Offset 10h[15], LPC ROM Addressing Enable. It enables
the SC1100 to boot from a ROM connected to the LPC
bus.
During system reset, an internal pull-down resistor of 100
K
Ω exists on these balls. An external pull-up or pull-down
resistor of 1.5 K
Ω must be used.
GNT0#
FPCI_MON
AB25
I
Fast-PCI Monitoring. The strap on this ball forces selec-
tion of Fast-PCI monitoring signals. For normal operation,
strap this signal low using a 1.5 K
Ω resistor. The value of
this strap can be read on the MCR[30].
PCICLKO
POR#
AE21
I
Power On Reset. POR# is the system reset signal gen-
erated from the power supply to indicate that the system
should be reset.
---
X32I
W1
I
Crystal Connections. Connected directly to a 32.768
KHz crystal. This clock input is required even if the inter-
nal RTC is not being used. Some of the internal clocks
are derived from this clock. If an external clock is used, it
should be connected to X32I, using a voltage level of 0V
to VCORE +10% maximum. X32O should remain uncon-
nected.
---
X32O
W2
O
---
X27I
AF10
I
Crystal Connections. Connected directly to a 27.000
MHz crystal. Some of the internal clocks are derived from
this clock. If an external clock is used, it should be con-
nected to X27I, using a voltage level of 0V to VIO and
X27O should be remain unconnected.
---
X27O
AE10
O
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com