Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 26Page - National Semiconductor (TI) SC1100 Datasheet HTML 27Page - National Semiconductor (TI) SC1100 Datasheet HTML 28Page - National Semiconductor (TI) SC1100 Datasheet HTML 29Page - National Semiconductor (TI) SC1100 Datasheet HTML 30Page - National Semiconductor (TI) SC1100 Datasheet HTML 31Page - National Semiconductor (TI) SC1100 Datasheet HTML 32Page - National Semiconductor (TI) SC1100 Datasheet HTML 33Page - National Semiconductor (TI) SC1100 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 348 page
background image
www.national.com
30
Revision 1.1
Signal Definitions (Continued)
SIN
AD11
SMI_O
AC12
SOUT
AE11
STOP#
M25
SYNC
AE22
TCK
AE20
TDI
AF20
TDO
AD20
TEST0
AA24
TEST1
AD10
TEST2
AC11
TEST3
C20
THRM#
AE15
TMS
AF21
TRDE#
B22
TRDY#
N25
TRST#
AC20
VBAT
W3,
VCORE
(Total of 24)
D12, D15, L4,
L12, L15, L23,
N4, N23, P4,
P23, R11,
R16, T4, T12,
T15, T23,
AC13, AC14,
AD13, AD14,
AE13, AE14,
AF13, AF14
Signal Name
Ball No.
VIO
(Total of 28)
A2, A25, B1,
B26, C3, C24,
D8, D10, D17,
D19, G4, G23,
J4, J23, V4,
V23, Y4, Y23,
AC8, AC10,
AC17, AC18,
AD17, AD18,
AE1, AE26,
AF2, AF25
VPLL
AE9
VSB
AF16
VSBL
AD16
Signal Name
Ball No.
VSS
(Total of 60)
A1, A26, B2,
B25, D9, D11,
D13, D14,
D16, D18, H4,
H23, K4, K23,
L11, L13, L14,
L16, M4, M11,
M12, M13,
M14, M15,
M16, M23,
N11, N12,
N13, N14,
N15, N16,
P11, P12,
P13, P14,
P15, P16, R4,
R12, R13,
R14, R15,
R23, T11, T13,
T14, T16, U4,
U23, W4,
W23, AC7,
AC9, AC16,
AC19, AE2,
AE25, AF1,
AF26
WEA#
C2
WR#
C21
X27I
AF10
X27O
AE10
X32I
W1
X32O
W2
Signal Name
Ball No.
Table 2-3.
Ball Assignment - Sorted Alphabetically by Signal Name (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com