Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 52Page - National Semiconductor (TI) SC1100 Datasheet HTML 53Page - National Semiconductor (TI) SC1100 Datasheet HTML 54Page - National Semiconductor (TI) SC1100 Datasheet HTML 55Page - National Semiconductor (TI) SC1100 Datasheet HTML 56Page - National Semiconductor (TI) SC1100 Datasheet HTML 57Page - National Semiconductor (TI) SC1100 Datasheet HTML 58Page - National Semiconductor (TI) SC1100 Datasheet HTML 59Page - National Semiconductor (TI) SC1100 Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 348 page
background image
www.national.com
56
Revision 1.1
General Configuration Block (Continued)
WATCHDOG Interrupt
The WATCHDOG interrupt (if configured and enabled) is
routed to an IRQ signal. The IRQ signal is programmable
via the INTSEL register (Offset 38h, described in Table 3-2
"Multiplexing, Interrupt Selection, and Base Address Regis-
ters" on page 50). The WATCHDOG interrupt is a share-
able, active low, level interrupt.
WATCHDOG SMI
The WATCHDOG SMI is recognized by the Core Logic
module as internal input signal EXT_SMI0#. To use the
WATCHDOG SMI, Core Logic registers must be configured
appropriately.
3.3.2
WATCHDOG Registers
Table 3-3 describes the WATCHDOG registers.
3.3.2.1
Usage Hints
• SMM code should set bit 8 of the WDCNFG register to 1
when entering ACPI C3 state, if the WATCHDOG timer
is to be suspended. If this is not done, the WATCHDOG
timer is functional during C3 state.
• SMM code should set bit 8 of the WDCNFG register to
1, when entering ACPI S1 and S2 states if the
WATCHDOG timer is to be suspended. If this is not
done, the WATCHDOG timer is functional during S1 and
S2 states.
Table 3-3. WATCHDOG Registers
Bit
Description
Offset 00h
WATCHDOG Timeout Register - WDTO (R/W)
Reset Value: 0000h
Width: WORD
This register specifies the programmed WATCHDOG timeout period.
15:0
Programmed timeout period.
Offset 02h
WATCHDOG Configuration Register - WDCNFG (R/W)
Reset Value: 0000h
Width: WORD
This register selects the signal to be generated when the timer reaches 0, whether or not to disable the 32 KHz input clock during low
power states, and the prescaler value of the clock input.
15:9
Reserved. Write as read.
8
WD32KPD (WATCHDOG 32 KHz Power Down).
0:
32 KHz clock is enabled.
1:
32 KHz clock is disabled, when the GX1 module asserts its internal SUSPA# signal.
This bit is cleared to 0, when POR# is asserted or when the GX1 module deasserts its internal SUSPA# signal (i.e., on
SUSPA# rising edge). See Section 3.3.2.1 "Usage Hints" on page 56.
7:6
WDTYPE2 (WATCHDOG Event Type 2).
00: No action
01: Interrupt
10: SMI
11: System reset
This field is reset to 0 when POR# is asserted. Other system resets do not affect this field.
5:4
WDTYPE1 (WATCHDOG Event Type 1).
00: No action
01: Interrupt
10: SMI
11: System reset
This field is reset to 0 when POR# is asserted. Other system resets do not affect this field.
3:0
WDPRES (WATCHDOG Timer Prescaler). Divide 32 KHz by:
0000: 1
0100: 16
1000: 256
1100: 4096
0001: 2
0101: 32
1001: 512
1101: 8192
0010: 4
0110: 64
1010: 1024
1110: Reserved
0011: 8
0111: 128
1011: 2048
1111: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com