Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 109Page - Renesas Technology Corp SH7616 Datasheet HTML 110Page - Renesas Technology Corp SH7616 Datasheet HTML 111Page - Renesas Technology Corp SH7616 Datasheet HTML 112Page - Renesas Technology Corp SH7616 Datasheet HTML 113Page - Renesas Technology Corp SH7616 Datasheet HTML 114Page - Renesas Technology Corp SH7616 Datasheet HTML 115Page - Renesas Technology Corp SH7616 Datasheet HTML 116Page - Renesas Technology Corp SH7616 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 935 page
background image
Section 2 CPU
Rev. 2.00 Mar 09, 2006 page 87 of 906
REJ09B0292-0200
Precautions Concerning the Number of Instruction Execution Cycles: The execution cycles
listed in the tables are minimum values. In practice, the number of execution cycles increases
under such conditions as 1) when the instruction fetch is in contention with a data access, 2) when
the destination register of a load instruction (memory
→ register) is the same as the register used
by the next instruction, 3) when the branch destination address of a branch instruction is a 4n + 2
address.
CPU Instructions That Support DSP Functions: A number of system control instructions have
been added to the CPU core instructions to support DSP functions. The RS, RE and MOD
registers have been added to support repeat control and modulo addressing, and the repeat counter
(RC) has been added to the status register (SR). The LDC and STC instructions have been added
in order to access the aforementioned. The LDS and STS instructions have been added in order to
access the DSP registers DSR, A0, X0, X1, Y0 and Y1.
The SETRC instruction has been added to set the repeat counter (RC, bits 27 to 16) and repeat
flags (RF1, RF0, bits 3 and 2) of the SR register. When the SETRC instruction operand is
immediate, the 8-bit immediate data is stored in bits 23 to 16 of the SR register and bits 27 to 24
are cleared to 0. When the operand is a register, bits 11 to 0 (12 bits) of the register are stored in
bits 27 to 16 of the SR register. Additionally, the status of 1 instruction repeat (00), 2 instruction
repeat (01), 3 instruction repeat (11) or 4 instruction or greater repeat (10) is set from the RS and
RE set values.
In addition to the LDC instruction, the LDRS and LDRE instructions have been added for
establishing the repeat start and repeat end addresses in the RS and RE registers.
The added instructions are listed in table 2.26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com