Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 111Page - Renesas Technology Corp SH7616 Datasheet HTML 112Page - Renesas Technology Corp SH7616 Datasheet HTML 113Page - Renesas Technology Corp SH7616 Datasheet HTML 114Page - Renesas Technology Corp SH7616 Datasheet HTML 115Page - Renesas Technology Corp SH7616 Datasheet HTML 116Page - Renesas Technology Corp SH7616 Datasheet HTML 117Page - Renesas Technology Corp SH7616 Datasheet HTML 118Page - Renesas Technology Corp SH7616 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 935 page
background image
Section 2 CPU
Rev. 2.00 Mar 09, 2006 page 89 of 906
REJ09B0292-0200
Instruction
Code
Operation
Cycles
T Bit
STS.L
X1,@-Rn
0100nnnn10010010
Rn–4
→Rn,X1→(Rn)
1
—
STS
Y0,Rn
0000nnnn10101010
Y0
→Rn
1
—
STS.L
Y0,@-Rn
0100nnnn10100010
Rn–4
→Rn,Y0→(Rn)
1
—
STS
Y1,Rn
0000nnnn10111010
Y1
→Rn
1
—
STS.L
Y1,@-Rn
0100nnnn10110010
Rn–4
→Rn,Y1→(Rn)
1
—
SETRC
Rm
0100mmmm00010100
Rm[11:0]
→RC (SR[27:16]) 1
—
SETRC
#imm
10000010iiiiiiii
imm
→RC(SR[23:16]),
0
→SR[27:24]
1—
LDRS
@(disp,PC)
10001100dddddddd
disp
× 2+PC→RS
1
—
LDRE
@(disp,PC)
10001110dddddddd
disp
× 2+PC→RE
1
—
2.5.2
DSP Data Transfer Instruction Set
Table 2.27 lists the DSP data transfer instructions by classification.
Table 2.27 Classification of DSP Data Transfer Instructions
Classification
Types
Operation
Code
Function
No. of
Instructions
4
NOPX
X memory no operation
14
MOVX
X memory data transfer
Double
datatransferinstr
uctions
NOPY
Y memory no operation
MOVY
Y memory data transfer
Single data
transfer
instructions
1
MOVS
Single data transfer
16
Total: 5
Total: 30
The data transfer instructions are divided into two groups, double data transfers and single data
transfers. Double data transfers can be combined with DSP operation instructions to perform DSP
parallel processing. The parallel processing instructions are 32 bit length, and the double data
transfer instructions are incorporated into their A fields. Double data transfers that are not parallel
processing instructions are 16 bit length, as are the single data transfer instructions.
The X memory and Y memory can be accessed simultaneously in parallel in double data transfers.
One instruction each is designated from among the X and Y memory data accesses. The Ax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com