Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 222 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 222 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 218Page - Maxim Integrated Products DS26521 Datasheet HTML 219Page - Maxim Integrated Products DS26521 Datasheet HTML 220Page - Maxim Integrated Products DS26521 Datasheet HTML 221Page - Maxim Integrated Products DS26521 Datasheet HTML 222Page - Maxim Integrated Products DS26521 Datasheet HTML 223Page - Maxim Integrated Products DS26521 Datasheet HTML 224Page - Maxim Integrated Products DS26521 Datasheet HTML 225Page - Maxim Integrated Products DS26521 Datasheet HTML 226Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
222 of 258
Figure 10-5. T1 Receive-Side 2.048MHz Boundary Timing (Elastic Store Enabled)
RSER
CHANNEL 1
RCHCLK
RCHBLK
RSYSCLK
RSYNC
CHANNEL 31
CHANNEL 32
1
3
4
RSYNC
2
RMSYNC
RSIG
CHANNEL 31
CHANNEL 32
B
A
C/A D/B
C/A D/B
AB
CHANNEL 1
LSB MSB
LSB
NOTE 1: RSER DATA IN CHANNELS 1, 5, 9, 13, 17, 21, 25, AND 29 ARE FORCED TO ONE.
NOTE 2: RSYNC IS IN THE OUTPUT MODE (RIOCR.2 = 0).
NOTE 3: RSYNC IS IN THE INPUT MODE (RIOCR.2 = 1).
NOTE 4: RCHBLK IS PROGRAMMED TO BLOCK CHANNEL 1.
NOTE 5: THE F-BIT POSITION IS PASSED THROUGH THE RECEIVE-SIDE ELASTIC STORE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com