Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 242 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 242 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 238Page - Maxim Integrated Products DS26521 Datasheet HTML 239Page - Maxim Integrated Products DS26521 Datasheet HTML 240Page - Maxim Integrated Products DS26521 Datasheet HTML 241Page - Maxim Integrated Products DS26521 Datasheet HTML 242Page - Maxim Integrated Products DS26521 Datasheet HTML 243Page - Maxim Integrated Products DS26521 Datasheet HTML 244Page - Maxim Integrated Products DS26521 Datasheet HTML 245Page - Maxim Integrated Products DS26521 Datasheet HTML 246Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
242 of 258
Table 12-3. Receiver AC Characteristics
(VDD = 3.3V ±5%, TA = -40°C to +85°C.) (Note 1) (See Figure 12-6, Figure 12-7, and Figure 12-8.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
(Note 2)
648
RCLK Period
tCP
(Note 3)
488
ns
tCH
125
RCLK Pulse Width
tCL
125
ns
(Note 4)
60
648
RSYSCLK Period
tSP
(Note 5)
60
488
ns
tSH
30
RSYSCLK Pulse Width
tSL
30
ns
RSYNC Setup to RSYSCLK Falling
tSU
20
tSH - 5
ns
RSYNC Pulse Width
tPW
50
ns
Delay RCLK to RSER, RSIG Valid
tD1
50
ns
Delay RCLK to RCHCLK, RSYNC,
RCHBLK, RFSYNC
tD2
50
ns
Delay RSYSCLK to RSER, RSIG
Valid
tD3
50
ns
Delay RSYSCLK to RCHCLK,
RCHBLK, RMSYNC, RSYNC
tD4
50
ns
Note 1:
The timing parameters in this table are guaranteed by design (GBD).
Note 2:
T1 Mode.
Note 3:
E1 Mode.
Note 4:
RSYSCLK = 1.544MHz.
Note 5:
RSYSCLK = 2.048MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com