Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 240 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 240 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 236Page - Maxim Integrated Products DS26521 Datasheet HTML 237Page - Maxim Integrated Products DS26521 Datasheet HTML 238Page - Maxim Integrated Products DS26521 Datasheet HTML 239Page - Maxim Integrated Products DS26521 Datasheet HTML 240Page - Maxim Integrated Products DS26521 Datasheet HTML 241Page - Maxim Integrated Products DS26521 Datasheet HTML 242Page - Maxim Integrated Products DS26521 Datasheet HTML 243Page - Maxim Integrated Products DS26521 Datasheet HTML 244Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
240 of 258
12.1.2 SPI Bus Mode
Table 12-2. SPI Bus Mode Timing
(See Note 1, Figure 12-5.)
SYMBOL
(2)
CHARACTERISTIC
(3)
SYMBOL
MIN
MAX
UNITS
Operating Frequency
Slave
fBUS(S)
—
4
MHz
t1
Cycle Time: Slave
tCYC(S)
250
—
ns
t2
Enable Lead Time
tLEAD(S)
15
—
ns
t3
Enable Lag Time
tLAG(S)
15
—
ns
t4
Clock (CLK) High Time
Slave
tCLKH(S)
t5
Clock (CLK) Low Time
Slave
tCLKL(S)
t6
Data Setup Time (Inputs)
Slave
tSU(S)
5
—
ns
t7
Data Hold Time (Inputs)
Slave
tH(S)
15
—
ns
t8
Disable Time, Slave
(4)
tDIS(S)
—
25
ns
t9
Data Valid Time, After Enable Edge
Slave
(5)
tV(S)
—
40
ns
t10
Data Hold Time, Outputs, After Enable Edge
Slave
tHD(S)
5
—
ns
Note 1:
The timing parameters in this table are guaranteed by design (GBD).
Note 2:
Symbols refer to dimensions in Figure 12-5.
Note 3:
100pF load on all SPI pins.
Note 4:
Hold time to high-impedance state.
Note 5:
With 100pF on all SPI pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com