Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 237 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 237 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 233Page - Maxim Integrated Products DS26521 Datasheet HTML 234Page - Maxim Integrated Products DS26521 Datasheet HTML 235Page - Maxim Integrated Products DS26521 Datasheet HTML 236Page - Maxim Integrated Products DS26521 Datasheet HTML 237Page - Maxim Integrated Products DS26521 Datasheet HTML 238Page - Maxim Integrated Products DS26521 Datasheet HTML 239Page - Maxim Integrated Products DS26521 Datasheet HTML 240Page - Maxim Integrated Products DS26521 Datasheet HTML 241Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
237 of 258
12.
AC TIMING CHARACTERISTICS
Unless otherwise noted, all timing numbers assume 20pF test load on output signals, 40pF test load on bus
signals.
12.1
Microprocessor Bus AC Characteristics
12.1.1 Parallel Port Mode
Table 12-1. AC Characteristics—Microprocessor Bus Timing
(VDD = 3.3V ±5%, TA = -40°C to +85°C.) (Note 1) (See Figure 12-1, Figure 12-2, Figure 12-3, and
Figure 12-4.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Setup Time for A12, A[8:0] Valid to
CSBn
Active
t1
0
ns
Setup Time for
CSB Active to Either RDB,
or
WRB Active
t2
0
ns
Delay Time from Either
RDB or DSB
Active to D[7:0] Valid
t3
(Note 2)
125
ns
Hold Time from Either
RDB or WRB
Inactive to
CSB Inactive
t4
0
ns
Hold Time from
CSB or RDB or DSB
Inactive to D[7:0] Tri-State
t5
5
20
ns
Wait Time from
WRB Active to Latch Data
t6
40
ns
Data Setup Time to
WRB Inactive
t7
10
ns
Data Hold Time from
WRB Inactive
t8
5
ns
Address Hold from
WRB Inactive
t9
0
ns
Write Access to Subsequent Write/Read
Access Delay Time
t10
(Note 2)
80
ns
Note 1:
The timing parameters in this table are guaranteed by design (GBD).
Note 2:
If supplying a 1.544MHz MCLK, the FREQSEL bit must be set to meet this timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com