Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 235 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 235 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 231Page - Maxim Integrated Products DS26521 Datasheet HTML 232Page - Maxim Integrated Products DS26521 Datasheet HTML 233Page - Maxim Integrated Products DS26521 Datasheet HTML 234Page - Maxim Integrated Products DS26521 Datasheet HTML 235Page - Maxim Integrated Products DS26521 Datasheet HTML 236Page - Maxim Integrated Products DS26521 Datasheet HTML 237Page - Maxim Integrated Products DS26521 Datasheet HTML 238Page - Maxim Integrated Products DS26521 Datasheet HTML 239Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
235 of 258
11.
OPERATING PARAMETERS
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Lead with Respect to VSS (except VDD)…………………………………………….-0.3V to +5.5V
Supply Voltage (VDD) Range with Respect to VSS…………………………………………………………..-0.3V to +3.63V
Operating Temperature Range..……………………………………………………………………-40°C to +85°C (Note 1)
Storage Temperature Range...………………………………………………………………………………-55°C to +125°C
Soldering Temperature………………………………………………………….See IPC/JEDEC J-STD-020 Specification
Note 1: Specificiations to -40
°C are guaranteed by design and not production tested.
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
Table 11-1. Recommended DC Operating Conditions
(TA = -40°C to +85°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Logic 1
VIH
2.0
5.5
V
Logic 0
VIL
-0.3
+0.8
V
Supply
VDD
3.135
3.3
3.465
V
Table 11-2. Capacitance
(TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Capacitance
CIN
7
pF
Output Capacitance
COUT
7
pF
Table 11-3. Recommended DC Operating Conditions
(VDD = 3.135V to 3.465V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current at 3.3V
IDD
(Notes 2, 3)
104
220
mA
Input Leakage
IIL
-10.0
+10.0
µA
Pullup Pin Input Leakage
IILP
(Note 4)
-500.0
+10.0
µA
Tri-State Output Leakage
IOL
-10.0
+10.0
µA
Output Voltage (Io = -1.6mA)
VOH
2.4
V
Output Voltage (Io = +0.4mA)
VOL
0.4
V
Note 2:
RCLK1-n = TCLK1-n = 2.048MHz.
Note 3:
Max power dissipation is measured with the port transmitting an all-ones data pattern with a transmitter load of 100
Ω.
Note 4:
Pullup pins include
JTRST, JTMS, and JTDI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com