Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 236 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 236 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 232Page - Maxim Integrated Products DS26521 Datasheet HTML 233Page - Maxim Integrated Products DS26521 Datasheet HTML 234Page - Maxim Integrated Products DS26521 Datasheet HTML 235Page - Maxim Integrated Products DS26521 Datasheet HTML 236Page - Maxim Integrated Products DS26521 Datasheet HTML 237Page - Maxim Integrated Products DS26521 Datasheet HTML 238Page - Maxim Integrated Products DS26521 Datasheet HTML 239Page - Maxim Integrated Products DS26521 Datasheet HTML 240Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
236 of 258
11.1
Thermal Characteristics
Table 11-4. Thermal Characteristics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Ambient Temperature
(Note 1)
-40
+85
°C
Junction Temperature
+125
°C
Theta-JA (
θ
JA) in Still Air for 64-Pin LQFP
(Note 2)
+17.5
°C/W
Note 1:
The package is mounted on a four-layer JEDEC standard test board.
Note 2:
Theta-JA (
θ
JA) is the junction-to-ambient thermal resistance, when the package is mounted on a four-layer JEDEC standard test
board.
11.2
Line Interface Characteristics
Table 11-5. Transmitter Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
E1 75
Ω
2.13
2.37
2.61
E1 120
Ω
2.70
3.00
3.30
T1 100
Ω
2.40
3.00
3.60
Output Mark Amplitude
Vm
J1 110
Ω
2.40
3.00
3.60
V
Output Zero Amplitude
Vs
(Note 1)
-0.3
+0.3
V
Transmit Amplitude Variation with
Supply
-1
+1
%
Table 11-6. Receiver Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Cable Attenuation
Attn
43
dB
192
192
Allowable Zeros Before Loss
(Note 1)
2048
24
192
Allowable Ones Before Loss
(Note 2)
192
Note 1:
192 zeros for T1 and T1.231 Specification Compliance. 192 zeros for E1 and G.775 Specification Compliance. 2048 zeros for
ETS 300 233 compliance.
Note 2:
24 ones in 192-bit period for T1.231; 192 ones for G.775; 192 ones for ETS 300 233.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com