Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 233 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 233 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 229Page - Maxim Integrated Products DS26521 Datasheet HTML 230Page - Maxim Integrated Products DS26521 Datasheet HTML 231Page - Maxim Integrated Products DS26521 Datasheet HTML 232Page - Maxim Integrated Products DS26521 Datasheet HTML 233Page - Maxim Integrated Products DS26521 Datasheet HTML 234Page - Maxim Integrated Products DS26521 Datasheet HTML 235Page - Maxim Integrated Products DS26521 Datasheet HTML 236Page - Maxim Integrated Products DS26521 Datasheet HTML 237Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
233 of 258
Figure 10-21. E1 Transmit-Side 1.544MHz Boundary Timing (Elastic Store Enabled)
Figure 10-22. E1 Transmit-Side 2.048MHz Boundary Timing (Elastic Store Enabled)
LSB
F
MSB
LSB MSB
CHANNEL 1
CHANNEL 24
TSYSCLK
TSER
TSSYNC
TCHCLK
TCHBLK
CHANNEL 23
1
2
NOTE 1: THE F-BIT POSITION IN THE TSER DATA IS IGNORED.
NOTE 2: TCHBLK IS PROGRAMMED TO BLOCK CHANNEL 24.
TSER
CHANNEL 1
TCHCLK
TCHBLK
TSYSCLK
TSYNC
CHANNEL 31
CHANNEL 32
2
1
TSIG
CHANNEL 31
CHANNEL 32
C
D
AB
CHANNEL 1
LSB MSB
LSB MSB
C
D
B
A
NOTE 1: TSYNC IN THE INPUT MODE (TIOCR.2 = 0).
NOTE 2: TCHBLK IS PROGRAMMED TO BLOCK CHANNEL 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com