Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 229 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 229 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 225Page - Maxim Integrated Products DS26521 Datasheet HTML 226Page - Maxim Integrated Products DS26521 Datasheet HTML 227Page - Maxim Integrated Products DS26521 Datasheet HTML 228Page - Maxim Integrated Products DS26521 Datasheet HTML 229Page - Maxim Integrated Products DS26521 Datasheet HTML 230Page - Maxim Integrated Products DS26521 Datasheet HTML 231Page - Maxim Integrated Products DS26521 Datasheet HTML 232Page - Maxim Integrated Products DS26521 Datasheet HTML 233Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
229 of 258
Figure 10-14. T1 Transmit Interleave Bus Operation—FRAME Mode
FR1 CH1-32
FR0 CH1-32
FR1 CH1-32
FR2 CH1-32 FR3 CH1-32 FR0 CH1-32 FR1 CH1-32 FR2 CH1-32 FR3 CH1-32 FR0 CH1-32 FR1 CH1-32 FR2 CH1-32 FR3 CH1-32
FR0 CH1-32
FR1 CH1-32
TSER
LSB
SYSCLK
TSYNC
FRAMER 3, CHANNEL 32
MSB
LSB
FRAMER 0, CHANNEL 1
TSIG
FRAMER 3, CHANNEL 32
FRAMER 0, CHANNEL 1
MSB
LSB
FRAMER 0, CHANNEL 2
FRAMER 0, CHANNEL 2
3
TSER
TSYNC
TSIG
TSER
TSIG
1
1
2
2
BIT DETAIL
A
B
C/A D/B
A
B
C/A D/B
AB
C/A D/B
FR1 CH1-32
FR0 CH1-32
FR1 CH1-32
FR0 CH1-32
FR1 CH1-32
FR2 CH1-32 FR3 CH1-32 FR0 CH1-32 FR1 CH1-32 FR2 CH1-32 FR3 CH1-32 FR0 CH1-32 FR1 CH1-32 FR2 CH1-32 FR3 CH1-32
NOTE 1: 4.096MHz BUS CONFIGURATION.
NOTE 2: 8.192MHz BUS CONFIGURATION.
NOTE 3: TSYNC IS IN THE INPUT MODE (TIOCR.2 = 0).
NOTE 4. THOUGH NOT SHOWN, TCHCLK CONTINUES TO MARK THE CHANNEL LSB FOR THE FRAMER'S ACTIVE PERIOD.
NOTE 5: THOUGH NOT SHOWN, TCHBLK CONTINUES TO MARK THE BLOCKED CHANNELS FOR THE FRAMER’S ACTIVE
PERIOD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com