Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 136 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 136 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 132Page - National Semiconductor (TI) GX1 Datasheet HTML 133Page - National Semiconductor (TI) GX1 Datasheet HTML 134Page - National Semiconductor (TI) GX1 Datasheet HTML 135Page - National Semiconductor (TI) GX1 Datasheet HTML 136Page - National Semiconductor (TI) GX1 Datasheet HTML 137Page - National Semiconductor (TI) GX1 Datasheet HTML 138Page - National Semiconductor (TI) GX1 Datasheet HTML 139Page - National Semiconductor (TI) GX1 Datasheet HTML 140Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 247 page
background image
www.national.com
136
Revision 1.0
Integrated Functions (Continued)
4.5.3
Hardware Cursor
The display controller contains hardware cursor logic to
allow overlay of the cursor image onto the pixel data
stream. Overhead for updating this image on the screen is
kept to a minimum by requiring that only the X and Y posi-
tion be changed. This eliminates "submarining" effects
commonly associated with software cursors. The cursor,
32x32 pixels with 2-bpp, is loaded into off-screen memory
within
the
graphics
memory
aperture.
The
DC_CUR_ST_OFFSET programs the cursor start
(see
Table 4-30 on page 148). The 2-bit code selects color 0,
color 1, transparent, or background-color inversion for each
pixel in the cursor. The two cursor colors will be stored as
extensions to the normal 256-entry palette at locations
100h and 101h.
The 2-bit cursor codes are as follows:
AND
XOR
Displayed
0
0
Cursor Color 0
0
1
Cursor Color 1
1
0
Transparent
− Background Pixel
11Inverted
− Bit-wise Inversion of Back-
ground Pixel
The cursor overlay patterns are loaded to independent
memory locations, usually mapped above the frame buffer
and compressed display buffer (off-screen). The cursor
buffer must start on a DWORD boundary. It is linearly
mapped, and is always 256 bytes in size. If there is enough
room (256 bytes) after the compression-buffer line but
before the next frame-buffer line starts, the cursor pattern
may be loaded into this area to make efficient use of the
graphics memory.
Each pattern is a 32x32-pixel array of 2-bit codes. The
codes are a combination of AND mask and XOR mask for
a particular pixel. Each line of an overlay pattern is stored
as two DWORDs, with each DWORD containing the AND
masks for 16 pixels in the upper word and the XOR masks
for 16 pixels in the lower word. DWORDs are arranged with
the leftmost pixel block being least significant and the right-
most pixel block being most significant. Pixels within words
are arranged with the leftmost pixels being most significant
and the rightmost pixels being least significant. Multiple
cursor patterns may be loaded into the off-screen memory.
An application may simply change the cursor start offset to
select a new cursor pattern. The new cursor pattern will
become effective at the start of the next frame scan.
4.5.4
Display Timing Generator
The display controller features a fully programmable timing
generator for generating all timing control signals for the
display. The timing control signals include horizontal and
vertical sync and blank signals in addition to timing for
active and overscan regions of the display. The timing gen-
erator is similar in function to the CRTC of the original VGA,
although programming is more straightforward. Program-
ming of the timing registers are supported by National via a
BIOS INT10 call during a mode set. When programming
the timing registers directly, extreme care should be taken
to ensure that all timing is compatible with the display
device.
The timing generator supports overscan to maintain full
backward compatibility with the VGA standard. This feature
is supported primarily for CRT display devices since flat
panel displays have fixed resolutions and do not provide for
overscan. When a display mode is selected having a lower
resolution than the panel resolution, the GX1 processor
supports a mechanism to center the display by stretching
the border to fill the remainder of the screen. The border
color is at palette extension 104h.
4.5.5
Dither and Frame Rate Modulation
The display controller supports 2x2 dither and two-level
frame rate modulation (FRM) to increase the apparent
number of colors displayed on 9-bit or 12-bit TFT panels.
Dither and FRM are individually programmable. With dith-
ering and FRM enabled, 185,193 colors are possible on a
9-bit TFT panel, and 226,981 colors are possible on a 12-
bit TFT panel.
4.5.6
Display Modes
The GX1 processor’s display controller is programmable
and supports resolutions up to 1024x768 at 16 bits per
pixel and resolutions up to 1280x1024 at 8 bits per pixel.
This means the GX1 processor supports the standard dis-
play resolutions of 640x480, 800x600, and 1024x768 dis-
play resolutions at both 8 and 16 bits per pixel and
1280x1024 resolution at 8 bits per pixel only. Two 16-bit
display formats are supported: RGB 5-6-5 and RGB 5-5-5.
Table4-26onpage138 lists how theRGB data is mapped
onto the pixel data bus for the CRT and various TFT inter-
faces. All CRT modes can have VESA-compatible timing.
Table 4-25 lists some of the supported TFT panel display
modes and Table 4-27 lists some of the supported CRT
display modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com