Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 137 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 137 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 133Page - National Semiconductor (TI) GX1 Datasheet HTML 134Page - National Semiconductor (TI) GX1 Datasheet HTML 135Page - National Semiconductor (TI) GX1 Datasheet HTML 136Page - National Semiconductor (TI) GX1 Datasheet HTML 137Page - National Semiconductor (TI) GX1 Datasheet HTML 138Page - National Semiconductor (TI) GX1 Datasheet HTML 139Page - National Semiconductor (TI) GX1 Datasheet HTML 140Page - National Semiconductor (TI) GX1 Datasheet HTML 141Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 247 page
background image
Revision 1.0
137
www.national.com
Integrated Functions (Continued)
.
Table 4-25. TFT Panel Display Modes1
Resolution
Simultaneous
Colors
Refresh
Rate
(Hz)
DCLK2
Rate
(MHz))
PCLK3
Rate
(MHz)
Panel Type
Maximum Displayed
Colors4
640x4805
8-bpp
256 colors out of a
palette of 256
60
50.35
25.175
9-bit
573 = 185,193
12-bit
613 = 226,981
18-bit
43 = 262,144
16-bpp
64 KB colors
5-6-5
60
50.35
25.175
9-bit
29x57x29 = 47,937
12-bit
31x61x31 = 58,621
18-bit
32x64x32 = 65,535
800x6005
8-bpp
256 colors out of a
palette of 256
60
80.0
40.0
9-bit
573 = 185,193
12-bit
613 = 226,981
18-bit
643 = 262,144
16-bpp
64 KB Colors
5-6-5
60
80.0
40.0
9-bit
29x57x29 = 47,937
12-bit
31x61x31 = 58,621
18-bit
32x64x32 = 65,535
1024x768
8-bpp
256 colors out of a
palette of 256
60
65
65.0
9-bit/18-I/F
573 = 185,193
16-bpp
64 KB colors
5-6-5
60
65
65.0
9-bit/18-I/F
29x57x29 = 47,937
1.
This list is not meant to be an complete list of all the possible supported TFT display modes.
2.
DCLK is the input clock from the Geode I/O companion. In some cases, DCLK is doubled to keep the Geode I/O com-
panion’s PLL in a desired operational range.
3.
PCLK is the graphics output clock to the Geode I/O companion.
4.
9-bit and 12-bit panels use FRM and dither to increase displayed colors. (See Section 4.5.5 “Dither and Frame Rate
Modulation” on page 136.)
5.
All 640x480 and 800x600 modes can be run in simultaneous display with CRT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com