Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 141 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 141 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 137Page - National Semiconductor (TI) GX1 Datasheet HTML 138Page - National Semiconductor (TI) GX1 Datasheet HTML 139Page - National Semiconductor (TI) GX1 Datasheet HTML 140Page - National Semiconductor (TI) GX1 Datasheet HTML 141Page - National Semiconductor (TI) GX1 Datasheet HTML 142Page - National Semiconductor (TI) GX1 Datasheet HTML 143Page - National Semiconductor (TI) GX1 Datasheet HTML 144Page - National Semiconductor (TI) GX1 Datasheet HTML 145Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 247 page
background image
Revision 1.0
141
www.national.com
Integrated Functions (Continued)
4.5.7.3
VGA Display Support
The graphics pipeline contains full hardware support for the
VGA front end. The VGA data is stored in a 256 KB buffer
located in graphics memory. The main task for Virtual VGA
(see Section 4.6 “Virtual VGA Subsystem” on page 158) is
converting the data in the VGA buffer to an 8-bpp frame
buffer that can be displayed by the display controller.
For some modes, the display controller can display the
VGA data directly and the data conversion is not neces-
sary. This includes standard VGA mode 13h and the varia-
tions of that mode used in several games; the display
controller can also directly display VGA planar graphics
modes D, E, F, 10, 11, and 12. Likewise, the hardware can
directly display all of the higher-resolution VESA modes.
Since the frame buffer data is written directly to memory
instead of travelling across an external bus, the GX1 pro-
cessor often outperforms VGA cards for these modes.
The display controller, however, does not directly support
text modes. SoftVGA must convert the characters and
attributes in the VGA buffer to an 8-bpp frame buffer image
the hardware uses for display refresh.
4.5.8
Display Controller Registers
The Display Controller maps 100h memory locations start-
ing at GX_BASE+8300h for the display controller registers.
Refer to Section 4.1.2 “Control Registers” on page 99 for
instructions on accessing these registers.
The display controller registers are divided into six catego-
ries:
• Configuration and Status registers
• Memory Organization registers
• Timing registers
• Cursor and Line Compare registers
• Color registers
• Palette and RAM Diagnostic registers
Table 4-28 summarizes these registers and locations, and
the following subsections give detailed register/bit formats.
Table 4-28. Display Controller Register Summary
GX_BASE+
Memory
Offset
Type
Name/Function
Default
Value
Configuration and Status Registers
8300h-8303h
R/W
DC_UNLOCK
Display Controller Unlock: This register is provided to lock the most critical memory-
mapped display controller registers to prevent unwanted modification (write operations).
Read operations are always allowed.
00000000h
8304h-8307h
R/W
DC_GENERAL_CFG
Display Controller General Configuration: General control bits for the display controller.
00000000h
8308h-830Bh
R/W
DC_TIMING_CFG
Display Controller Timing Configuration: Status and control bits for various display
timing functions.
xx000000h
830Ch-830Fh
R/W
DC_OUTPUT_CFG
Display Controller Output Configuration: Status and control bits for pixel output
formatting functions.
xx000000h
Memory Organization Registers
8310h-8313h
R/W
DC_FB_ST_OFFSET
Display Controller Frame Buffer Start Address: Specifies offset at which the frame buffer
starts.
xxxxxxxxh
8314h-8317h
R/W
DC_CB_ST_OFFSET
Display Controller Compression Buffer Start Address: Specifies offset at which the com-
pressed display buffer starts.
xxxxxxxxh
8318h-831Bh
R/W
DC_CUR_ST_OFFSET
Display Controller Cursor Buffer Start Address: Specifies offset at which the cursor memory
buffer starts.
xxxxxxxxh
831Ch-831Fh
--
Reserved
00000000h
8320h-8323h
R/W
DC_VID_ST_OFFSET
Display Controller Video Start Address: Specifies offset at which the video buffer starts.
xxxxxxxxh
8324h-8327h
R/W
DC_LINE_DELTA
Display Controller Line Delta: Stores line delta for the graphics display buffers.
xxxxxxxxh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com