Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 145 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 145 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 141Page - National Semiconductor (TI) GX1 Datasheet HTML 142Page - National Semiconductor (TI) GX1 Datasheet HTML 143Page - National Semiconductor (TI) GX1 Datasheet HTML 144Page - National Semiconductor (TI) GX1 Datasheet HTML 145Page - National Semiconductor (TI) GX1 Datasheet HTML 146Page - National Semiconductor (TI) GX1 Datasheet HTML 147Page - National Semiconductor (TI) GX1 Datasheet HTML 148Page - National Semiconductor (TI) GX1 Datasheet HTML 149Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 247 page
background image
Revision 1.0
145
www.national.com
Integrated Functions (Continued)
11:8
DFIFO
HI-PRI
START LVL
Display FIFO High Priority Start Level: This field specifies the depth of the display FIFO (in 64-bit entries
x 4) at which a high-priority request will be sent to the memory controller to fill up the FIFO. The value is
dependent upon display mode.
This register should always be nonzero and should be less than the high-priority end level.
7:6
DCLK_
DIV
DCLK Divider: This 2-bit field specifies the clock divider for the input DCLK pin.
00 = Forced Low
01 = DCLK ÷ 2
10 = DCLK
11 = DCLK
5DECE
Decompression Enable: Allow operation of internal decompression hardware:
0 = Disable; 1 = Enable.
4CMPE
Compression Enable: Allow operation of internal compression hardware: 0 = Disable; 1 = Enable
3PPC
Pixel Panning Compatibility: This bit has the same function as that found in the VGA.
Allow pixel alignment to change when crossing a split-screen boundary - it will force the pixel alignment to
be 16-byte aligned: 0 = Disable; 1 = Enable.
If disabled, the previous alignment will be preserved when crossing a split-screen boundary.
2DVCK
Divide Video Clock: Selects frequency of VID_CLK pin:
0 = VID_CLK pin frequency is equal to one-half (½) the frequency of the core clock.
1 = VID_CLK pin frequency is equal to one-fourth (¼) the frequency of the core clock.
Bit 28 (VIDE) must be set to 1 for this bit to be valid.
1CURE
Cursor Enable: Use internal hardware cursor: 0 = Disable; 1 = Enable.
0DFLE
Display FIFO Load Enable: Allow the display FIFO to be loaded from memory:
0 = Disable; 1 = Enable.
If disabled, no write or read operations will occur to the display FIFO.
If enabled, a flat panel should be powered down prior to setting this bit low. Similarly, if active, a CRT should
be blanked prior to setting this bit low.
GX_BASE+8308h-830Bh
DC_TIMING_CFG Register (R/W) (Locked)
Default Value = xxx00000h
31
VINT
(RO)
Vertical Interrupt (Read Only): Is a vertical interrupt pending? 0 = No; 1 = Yes.
This bit is provided to maintain backward compatibility with the VGA. It corresponds to VGA port 3C2h bit 7.
30
VNA
(RO)
Vertical Not Active (Read Only): Is the active part of a vertical scan is in progress (i.e., retrace, blanking,
or border)? 0 = Yes; 1 = No.
This bit is provided to maintain backward compatibility with the VGA. It corresponds to VGA port 3BA/3DA
bit 3.
29
DNA
(RO)
Display Not Active (Read Only): Is the active part of a line is being displayed (i.e., retrace, blanking, or
border)? 0 = Yes; 1 = No.
This bit is provided to maintain backward compatibility with the VGA. It corresponds to VGA port 3BA/3DA
bit 0.
28
RSVD
Reserved: Set to 0.
27
DDCI
(RO)
DDC Input (Read Only): This bit returns the value from the DDCIN pin that should reflect the value from
pin 12 of the VGA connector. It is used to provide support for the VESA Display Data Channel standard
level DDC1.
26:20
RSVD
Reserved: Set to 0.
19:17
RSVD
Reserved: Set to 0.
16
BKRT
Blink Rate:
0 = Cursor blinks on every 16 frames for a duration of 8 frames (approximately 4 times per second) and
VGA text characters will blink on every 32 frames for a duration of 16 frames (approximately 2 times per
second).
1 = Cursor blinks on every 32 frames for a duration of 16 frames (approximately 2 times per second) and
VGA text characters blink on every 64 frames for a duration of 32 frames (approximately 1 time per sec-
ond).
Blinking is enabled by BLNK bit 7.
Table 4-29. Display Controller Configuration and Status Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com