Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 144 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 144 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 140Page - National Semiconductor (TI) GX1 Datasheet HTML 141Page - National Semiconductor (TI) GX1 Datasheet HTML 142Page - National Semiconductor (TI) GX1 Datasheet HTML 143Page - National Semiconductor (TI) GX1 Datasheet HTML 144Page - National Semiconductor (TI) GX1 Datasheet HTML 145Page - National Semiconductor (TI) GX1 Datasheet HTML 146Page - National Semiconductor (TI) GX1 Datasheet HTML 147Page - National Semiconductor (TI) GX1 Datasheet HTML 148Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 247 page
background image
www.national.com
144
Revision 1.0
Integrated Functions (Continued)
4.5.8.1
Configuration and Status Registers
The Configuration and Status registers group consists of
four 32-bit registers located at GX_BASE+8300h-830Ch.
These registers are described below and Table 4-29 gives
their bit formats.
Table 4-29. Display Controller Configuration and Status Registers
Bit
Name
Description
GX_BASE+8300h-8303h
DC_UNLOCK Register (R/W)
Default Value = 00000000h
31:16
RSVD
Reserved: Set to 0.
15:0
UNLOCK_
CODE
Unlock Code: This register must be written with the value 4758h in order to write to the protected registers.
The following registers are protected by the locking mechanism. Writing any other value enables the write
lock function.
DC_GENERAL_CFG
DC_LINE_DELTA
DC_V_TIMING_2
DC_TIMING_CFG
DC_BUF_SIZE
DC_V_TIMING_3
DC_OUTPUT_CFG
DC_H_TIMING_1
DC_FP_V_TIMING
DC_FB_ST_OFFSET
DC_H_TIMNG_2
DC_CB_ST_OFFSET
DC_H_TIMING_3
DC_CUR_ST_OFFSET
DC_FP_H_TIMING
DC_VID_ST_OFFSET
DC_V_TIMING_1
GX_BASE+8304h-8307h
DC_GENERAL_CFG (R/W) (Locked)
Default Value = 00000000h
31
DDCK
Reserved: Set to 0.
30
DPCK
Reserved: Set to 0.
29
VRDY
Video Ready Protocol:
0 = Low speed video port: 1 = High speed video port
Always program to 1.
28
VIDE
Video Enable: Motion video port: 0 = Disable; 1 = Enable.
27
SSLC
Split-screen Line Compare: VGA line compare function: 0 = Disable; 1 = Enable.
When enabled, the internal line counter will be compared to the value programmed in the DC_SS
_LINE_CMP register. If it matches, the frame buffer address will be reset to zero. This enables a split
screen function.
26
CH4S
Chain 4 Skip: Allow display controller to read every 4th DWORD from the frame buffer for compatibility with
the VGA: 0 = Disable; 1 = Enable.
25
DIAG
FIFO Diagnostic Mode: This bit allows testability of the on-chip Display FIFO and Compressed Line Buffer
via the diagnostic access registers. A low-to-high transition will reset the Display FIFO’s R/W pointers and
the Compressed Line Buffer’s read pointer. 0 = Normal operation; 1 = Enable.
24
LDBL
Line Double: Allow line doubling for emulated VGA modes: 0 = Disable; 1 = Enable.
If enabled, this will cause each odd line to be replicated from the previous line as the data is sent to the dis-
play. Timing parameters should be programmed as if pixel doubling is not used, however, the frame buffer
should be loaded with half the normal number of lines.
23:19
RSVD
Reserved: Set to 0.
18
FDTY
Frame Dirty Mode: Allow entire frame to be flagged as dirty whenever a pixel write occurs to the frame
buffer (this is provided for modes that use a linearly mapped frame buffer for which the line delta is not
equal to 1024 or 2048 bytes): 0 = Disable; 1 = Enable.
When disabled, dirty bits are set according to the Y address of the pixel write.
17
RSVD
Reserved: Set to 0.
16
CMPI
Compressor Insert Mode: Insert one static frame between update frames: 0 = Disable; 1 = Enable.
An update frame is a frame in which dirty lines are updated. Conversely, a static frame is a frame in which
dirty lines are not updated (the display image may not actually be static, because lines that are not com-
pressed successfully must be retrieved from the uncompressed frame buffer).
15:12
DFIFO
HI-PRI END
LVL
Display FIFO High Priority End Level: This field specifies the depth of the display FIFO (in 64-bit entries
x 4) at which a high-priority request previously issued to the memory controller will end. The value is depen-
dent upon display mode.
This register should always be non-zero and should be larger than the start level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com