Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 147 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 147 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 143Page - National Semiconductor (TI) GX1 Datasheet HTML 144Page - National Semiconductor (TI) GX1 Datasheet HTML 145Page - National Semiconductor (TI) GX1 Datasheet HTML 146Page - National Semiconductor (TI) GX1 Datasheet HTML 147Page - National Semiconductor (TI) GX1 Datasheet HTML 148Page - National Semiconductor (TI) GX1 Datasheet HTML 149Page - National Semiconductor (TI) GX1 Datasheet HTML 150Page - National Semiconductor (TI) GX1 Datasheet HTML 151Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 247 page
background image
Revision 1.0
147
www.national.com
Integrated Functions (Continued)
1VSYE
Vertical Sync Enable: Allow generation of the vertical sync signal to a CRT display device:
0 = Disable; 1 = Enable.
When disabled, the VSYNC output will be a static low level. This allows VESA DPMS compliance.
Note that this bit only applies to the CRT; the flat panel VSYNC is controlled by the automatic power
sequencing logic.
0PPE
Pixel Port Enable: On a low-to-high transition this bit will enable the pixel port outputs.
On a high-to-low transition, this bit will disable the pixel port outputs.
GX_BASE+830Ch-830Fh
DC_OUTPUT_CFG Register (R/W) (Locked)
Default Value = xxx00000h
31:16
RSVD
Reserved: Set to 0.
15
DIAG
Compressed Line Buffer Diagnostic Mode: This bit allows testability of the Compressed Line Buffer via
the diagnostic access registers. A low-to-high transition resets the Compressed Line Buffer write pointer. 0
= Disable (Normal operation); 1 = Enable.
14
CFRW
Compressed Line Buffer Read/Write Select: Enables the read/write address to the Compressed Line
Buffer for use in diagnostic testing of the RAM.
0 = Write address enabled
1 = Read address enabled
13
PDEH
Pixel Data Enable High:
0 = The PIXEL [17:9] data bus to be driven to a logic low level.
12
PDEL
Panel Data Enable Low:
0 = This bit will cause the PIXEL[8:0] data bus to be driven to a logic low level.
11:8
RSVD
Reserved: Set to 0.
7:5
RSVD
Reserved: Set to 0.
4:3
RSVD
Reserved: Set to 0.
2PCKE
PCLK Enable:
0 = PCLK is disabled and a low logic level is driven off-chip.
1 = Enable PCLK to be driven off-chip.
1
16FMT
16-bpp Format: Selects RGB display mode:
0 = RGB 5-6-5 mode
1 = RGB 5-5-5 display mode
This bit is only significant if 8-bpp (OUTPUT_CONFIG, bit 0) is low, indicating 16-bpp mode.
0
8-bpp
8-bpp / 16-bpp Select:
0 = 16-bpp display mode is selected. 16FMT (OUTPUT_CONFIG, bit 1) will indicate the format of the 16-bit
data.)
1 = 8-bpp display mode is selected. Used in VGA emulation.
Table 4-29. Display Controller Configuration and Status Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com