Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 151 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 151 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 147Page - National Semiconductor (TI) GX1 Datasheet HTML 148Page - National Semiconductor (TI) GX1 Datasheet HTML 149Page - National Semiconductor (TI) GX1 Datasheet HTML 150Page - National Semiconductor (TI) GX1 Datasheet HTML 151Page - National Semiconductor (TI) GX1 Datasheet HTML 152Page - National Semiconductor (TI) GX1 Datasheet HTML 153Page - National Semiconductor (TI) GX1 Datasheet HTML 154Page - National Semiconductor (TI) GX1 Datasheet HTML 155Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 247 page
background image
Revision 1.0
151
www.national.com
Integrated Functions (Continued)
GX_BASE+8338h-833Bh
DC_H_TIMING_3 Register (R/W) (Locked)
Default Value = xxxxxxxxh
31:27
RSVD
Reserved: Set to 0.
26:19
H_SYNC_END
Horizontal Sync End: The character clock count at which the CRT horizontal sync signal becomes
inactive minus 1. The field [26:16] may be programmed with the pixel count minus 1, although bits
[18:16] are ignored. The sync end position is programmable on 8-pixel boundaries only.
18:16
IGRD
Ignored
15:11
RSVD
Reserved: Set to 0.
10:3
H_SYNC_START
Horizontal Sync Start: The character clock count at which the CRT horizontal sync signal becomes
active minus 1. The field [10:0] may be programmed with the pixel count minus 1, although bits [2:0]
are ignored. The sync start position is programmable on 8-pixel boundaries only.
2:0
IGRD
Ignored
Note:
This register should also be programmed appropriately for flat panel only display since the horizontal sync transition deter-
mines when to advance the vertical counter.
GX_BASE+833Ch-833Fh
C_FP_H_TIMING Register (R/W) (Locked)
Default Value = xxxxxxxxh
31:27
RSVD
Reserved: Set to 0.
26:16
FP_H_SYNC
_END
Flat Panel Horizontal Sync End: The pixel count at which the flat panel horizontal sync signal
becomes inactive minus 1.
15:11
RSVD
Reserved: Set to 0.
10:0
FP_H_SYNC
_START
Flat Panel Horizontal Sync Start: The pixel count at which the flat panel horizontal sync signal
becomes active minus 1.
Note:
These values are specified in pixels rather than character clocks to allow precise control over sync position. For flat panels
which combine two pixels per panel clock, these values should be odd numbers (even pixel boundary) to guarantee that the
sync signal will meet proper setup and hold times.
GX_BASE+8340h-8343h
DC_V_TIMING_1 Register (R/W) (Locked)
Default Value = xxxxxxxxh
31:27
RSVD
Reserved: Set to 0.
26:16
V_TOTAL
Vertical Total: The total number of lines for a given frame scan minus 1. The value is necessarily
greater than the V_ACTIVE field because it includes border lines and blanked lines. If the display is
interlaced, the total number of lines must be odd, so this value should be an even number.
15:11
RSVD
Reserved: Set to 0.
10:0
V_ACTIVE
Vertical Active: The total number of lines for the displayed portion of a frame scan minus 1. For flat
panels, if this value is less than the panel active vertical resolution (V_PANEL), the parameters
V_BLANK_START, V_BLANK_END, V_SYNC_START, and V_SYNC_END should be reduced by the
following value (V_ADJUST) to achieve vertical centering: V_ADJUST = (V_PANEL – V_ACTIVE) / 2
If the display is interlaced, the number of active lines should be even, so this value should be an odd
number.
Note:
These values are specified in lines.
GX_BASE+8344h-8347h
DC_V_TIMING_2 Register (R/W) (Locked)
Default Value = xxxxxxxxh
31:27
RSVD
Reserved: Set to 0.
26:16
V_BLANK_END
Vertical Blank End: The line at which the vertical blanking signal becomes inactive minus 1. If the
display is interlaced, no border is supported, so this value should be identical to V_TOTAL.
15:11
RSVD
Reserved: Set to 0.
10:0
V_BLANK_
START
Vertical Blank Start: The line at which the vertical blanking signal becomes active minus 1. If the
display is interlaced, this value should be programmed to V_ACTIVE plus 1.
Note:
These values are specified in lines. For interlaced display, no border is supported, so blank timing is implied by the total/active
timing.
Table 4-31. Display Controller Timing Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com