Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 150 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 150 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 146Page - National Semiconductor (TI) GX1 Datasheet HTML 147Page - National Semiconductor (TI) GX1 Datasheet HTML 148Page - National Semiconductor (TI) GX1 Datasheet HTML 149Page - National Semiconductor (TI) GX1 Datasheet HTML 150Page - National Semiconductor (TI) GX1 Datasheet HTML 151Page - National Semiconductor (TI) GX1 Datasheet HTML 152Page - National Semiconductor (TI) GX1 Datasheet HTML 153Page - National Semiconductor (TI) GX1 Datasheet HTML 154Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 247 page
background image
www.national.com
150
Revision 1.0
Integrated Functions (Continued)
4.5.10 Timing Registers
The Display Controller’s timing registers control the gener-
ation of sync, blanking, and active display regions. They
providecompleteflexibility in interfacingtobothCRT and
flat panel displays. These registers will generally be pro-
grammed by the BIOS from an INT10h call or by the
extended mode driver from a display timing file. Note that
the horizontal timing parameters are specified in character
clocks, which actually means pixels divided by 8, since all
characters are bit mapped. For interlaced display the verti-
cal counter will be incremented twice during each display
line, so vertical timing parameters should be programmed
with reference to the total frame rather than a single field.
The Timing registers group consists of six 32-bit registers
located at GX_BASE+8330h-834Ch. These registers are
summarized in Table4-28onpage141,and Table4-31
gives their bit formats.
Table 4-31. Display Controller Timing Registers
Bit
Name
Description
GX_BASE+8330h-8333h
DC_H_TIMING_1 Register (R/W) (Locked)
Default Value = xxxxxxxxh
31:27
RSVD
Reserved: Set to 0.
26:19
H_TOTAL
Horizontal Total: The total number of character clocks for a given scan line minus 1. Note that the
value is necessarily greater than the H_ACTIVE field because it includes border pixels and blanked
pixels. For flat panels, this value will never change. The field [26:16] may be programmed with the
pixel count minus 1, although bits [18:16] are ignored. The horizontal total is programmable on 8-
pixel boundaries only.
18:16
IGRD
Ignored
15:11
RSVD
Reserved: Set to 0.
10:3
H_ACTIVE
Horizontal Active: The total number of character clocks for the displayed portion of a scan line
minus 1. The field [10:0] may be programmed with the pixel count minus 1, although bits [2:0] are
ignored. The active count is programmable on 8-pixel boundaries only. Note that for flat panels, if this
value is less than the panel active horizontal resolution (H_PANEL), the parameters
H_BLANK_START, H_BLANK_END, H_SYNC_START, and H_SYNC_END should be reduced by
the value of H_ADJUST (or the value of H_PANEL – H_ACTIVE / 2)to achieve horizontal centering.
2:0
IGRD
Ignored
Note:
For simultaneous CRT and flat panel display the H_ACTIVE and H_TOTAL parameters pertain to both.
GX_BASE+8334h-8337h
DC_H_TIMING_2 Register (R/W) (Locked)
Default Value = xxxxxxxxh
31:27
RSVD
Reserved: Set to 0.
26:19
H_BLK_END
Horizontal Blank End: The character clock count at which the horizontal blanking signal becomes
inactive minus 1. The field [26:16] may be programmed with the pixel count minus 1, although bits
[18:16] are ignored. The blank end position is programmable on 8-pixel boundaries only.
18:16
IGRD
Ignored
15:11
RSVD
Reserved: Set to 0.
10:3
H_BLK_START
Horizontal Blank Start: The character clock count at which the horizontal blanking signal becomes
active minus 1. The field [10:0] may be programmed with the pixel count minus 1, although bits [2:0]
are ignored. The blank start position is programmable on 8-pixel boundaries only.
2:0
IGRD
Ignored
Note:
A minimum of four character clocks are required for the horizontal blanking portion of a line in order for the timing generator to
function correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com