Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 146 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 146 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 142Page - National Semiconductor (TI) GX1 Datasheet HTML 143Page - National Semiconductor (TI) GX1 Datasheet HTML 144Page - National Semiconductor (TI) GX1 Datasheet HTML 145Page - National Semiconductor (TI) GX1 Datasheet HTML 146Page - National Semiconductor (TI) GX1 Datasheet HTML 147Page - National Semiconductor (TI) GX1 Datasheet HTML 148Page - National Semiconductor (TI) GX1 Datasheet HTML 149Page - National Semiconductor (TI) GX1 Datasheet HTML 150Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 247 page
background image
www.national.com
146
Revision 1.0
Integrated Functions (Continued)
15
PXDB
Pixel Double: Allow pixel doubling to stretch the displayed image in the horizontal dimension:
0 = Disable; 1 = Enable.
If bit 15 is enabled, timing parameters should be programmed as if no pixel doubling is used, however, the
frame buffer should be loaded with half the normal pixels per line. Also, the FB_LINE_SIZE parameter in
DC_BUF_SIZE should be set for the number of bytes to be transferred for the line rather than the number
displayed.
14
INTL
Interlace Scan: Allow interlaced scan mode:
0 = Disable (Non-interlaced scanning is supported.)
1 = Enable (If a flat panel is attached, it should be powered down before setting this bit.)
13
PLNR
VGA Planar Mode: This bit must be set high for all VGA planar display modes.
12
FCEN
Flat Panel Center: Allows the border and active portions of a scan line to be qualified as “active” to a flat
panel display via the ENADISP signal. This allows the use of a large border region for centering the flat
panel display. 0 = Disable; 1 = Enable.
When disabled, only the normal active portion of the scan line will be qualified as active.
11
FVSP
Flat Panel Vertical Sync Polarity:
0 = Causes TFT vertical sync signal to be normally low, generating a high pulse during sync interval.
1 = Causes TFT vertical sync signal to be normally high, generating a low pulse during sync interval.
10
FHSP
Flat Panel Horizontal Sync Polarity:
0 = Causes TFT horizontal sync signal to be normally low, generating a high pulse during sync interval.
1 = Causes TFT horizontal sync signal to be normally high, generating a low pulse during sync interval.
9CVSP
CRT Vertical Sync Polarity:
0 = Causes CRT_VSYNC signal to be normally low, generating a high pulse during the retrace interval.
1 = Cause CRT_VSYNC signal to be normally high, generating a low pulse during the retrace interval.
8
CHSP
CRT Horizontal Sync Polarity:
0 = Causes CRT_HSYNC signal to be normally low, generating a high pulse during the retrace interval.
1 = Causes CRT_HSYNC signal to be normally high, generating a low pulse during the retrace interval.
7BLNK
Blink Enable: Blink circuitry: 0 = Disable; 1 = Enable.
If enabled, the hardware cursor will blink as well as any pixels. This is provided to maintain compatibility
with VGA text modes. The blink rate is determined by the bit 16 (BKRT).
6VIEN
Vertical Interrupt Enable: Generate a vertical interrupt on the occurrence of the next vertical sync pulse:
0 = Disable, vertical interrupt is cleared;
1 = Enable.
This bit is provided to maintain backward compatibility with the VGA.
5TGEN
Timing Generator Enable: Allow timing generator to generate the timing control signals for the display.
0 = Disable, the Timing registers may be reprogrammed, and all circuitry operating on the DCLK will be
reset.
1 = Enable, no write operations are permitted to the Timing registers.
4DDCK
DDC Clock: This bit is used to provide the serial clock for reading the DDC data pin. This bit is multiplexed
onto the CRT_VSYNC pin, but in order for it to have an effect, the VSYE bit[2] must be set low to disable the
normal vertical sync. Software should then pulse this bit high and low to clock data into the GX1 processor.
This feature is provided to allow support for the VESA Display Data Channel standard level DDC1.
3BLKE
Blank Enable: Allow generation of the composite blank signal to the display device:
0 = Disable; 1 = Enable.
When disabled, the ENA_DISP output will be a static low level. This allows VESA DPMS compliance.
2HSYE
Horizontal Sync Enable: Allow generation of the horizontal sync signal to a CRT display device:
0 = Disable; 1 = Enable.
When disabled, the HSYNC output will be a static low level. This allows VESA DPMS compliance.
Note that this bit only applies to the CRT; the flat panel HSYNC is controlled by the automatic power
sequencing logic.
Table 4-29. Display Controller Configuration and Status Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com