Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 143 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 143 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 139Page - National Semiconductor (TI) GX1 Datasheet HTML 140Page - National Semiconductor (TI) GX1 Datasheet HTML 141Page - National Semiconductor (TI) GX1 Datasheet HTML 142Page - National Semiconductor (TI) GX1 Datasheet HTML 143Page - National Semiconductor (TI) GX1 Datasheet HTML 144Page - National Semiconductor (TI) GX1 Datasheet HTML 145Page - National Semiconductor (TI) GX1 Datasheet HTML 146Page - National Semiconductor (TI) GX1 Datasheet HTML 147Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 247 page
background image
Revision 1.0
143
www.national.com
Integrated Functions (Continued)
Palette and RAM Diagnostic Registers
8370h-8373h
R/W
DC_PAL_ADDRESS
Display Controller Palette Address: This register should be written with the address (index)
location to be used for the next access to the DC_PAL_DATA register.
xxxxxxxxh
8374h-8377h
R/W
DC_PAL_DATA
Display Controller Palette Data: Contains the data for a palette access cycle.
xxxxxxxxh
8378h-837Bh
R/W
DC_DFIFO_DIAG
Display Controller Display FIFO Diagnostic: This register is provided to enable testability of
the Display FIFO RAM.
xxxxxxxxh
837Ch-837Fh
R/W
DC_CFIFO_DIAG
Display Controller Compression FIFO Diagnostic: This register is provided to enable test-
ability of the Compressed Line Buffer (FIFO) RAM.
xxxxxxxxh
Table 4-28. Display Controller Register Summary (Continued)
GX_BASE+
Memory
Offset
Type
Name/Function
Default
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com