Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 142 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 142 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 138Page - National Semiconductor (TI) GX1 Datasheet HTML 139Page - National Semiconductor (TI) GX1 Datasheet HTML 140Page - National Semiconductor (TI) GX1 Datasheet HTML 141Page - National Semiconductor (TI) GX1 Datasheet HTML 142Page - National Semiconductor (TI) GX1 Datasheet HTML 143Page - National Semiconductor (TI) GX1 Datasheet HTML 144Page - National Semiconductor (TI) GX1 Datasheet HTML 145Page - National Semiconductor (TI) GX1 Datasheet HTML 146Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 247 page
background image
www.national.com
142
Revision 1.0
Integrated Functions (Continued)
8328h-832Bh
R/W
DC_BUF_SIZE
Display Controller Buffer Size: Specifies the number of bytes to transfer for a line of frame
buffer data and the size of the compressed line buffer. (The compressed line buffer will be
invalidated if it exceeds the CB_LINE_SIZE, bits [15:9].)
xxxxxxxxh
832Ch-832Fh
--
Reserved
00000000h
Timing Registers
8330h-8333h
R/W
DC_H_TIMING_1
Display Controller Horizontal and Total Timing: Horizontal active and total timing
information.
xxxxxxxxh
8334h-8337h
R/W
DC_H_TIMING_2
Display Controller CRT Horizontal Blanking Timin: CRT horizontal blank timing
information.
xxxxxxxxh
8338h-833Bh
R/W
DC_H_TIMING_3
Display Controller CRT Sync Timing: CRT horizontal sync timing information. Note, how-
ever, that this register should also be programmed appropriately for flat panel only display
since the horizontal sync transition determines when to advance the vertical counter.
xxxxxxxxh
833Ch-833Fh
R/W
DC_FP_H_TIMING
Display Controller Flat Panel Horizontal Sync Timing: Horizontal sync timing information for
an attached flat panel display.
xxxxxxxxh
8340h-8343h
R/W
DC_V_TIMING_1
Display Controller Vertical and Total Timing: Vertical active and total timing information. The
parameters pertain to both CRT and flat panel display.
xxxxxxxxh
8344h-8247h
R/W
DC_V_TIMING_2
Display Controller CRT Vertical Blank Timing: Vertical blank timing information.
xxxxxxxxh
8348h-834Bh
R/W
DC_V_TIMING_3
Display Controller CRT Vertical Sync Timing: CRT vertical sync timing information.
xxxxxxxxh
834Ch-834Fh
R/W
DC_FP_V_TIMING
Display Controller Flat Panel Vertical Sync Timing: Flat panel vertical sync timing
information.
xxxxxxxxh
Cursor and Line Compare Registers
8350h-8353h
R/W
DC_CURSOR_X
Display Controller Cursor X Position: X position information of the hardware cursor.
xxxxxxxxh
8354h-8357h
RO
DC_V_LINE_CNT
Display Controller Vertical Line Count: This read only register provides the current scanline
for the display. It is used by software to time update of the frame buffer to avoid tearing arti-
facts.
xxxxxxxxh
8358h-835Bh
R/W
DC_CURSOR_Y
Display Controller Cursor Y Position: Y position information of the hardware cursor.
xxxxxxxxh
835Ch-835Fh
R/W
DC_SS_LINE_CMP
Display Controller Split-Screen Line Compare: Contains the line count at which the lower
screen begins in a VGA split-screen mode.
xxxxxxxxh
8360h-8363h
--
Reserved
xxxxxxxxh
8364h-8367h
--
Reserved
xxxxxxxxh
8368h-836Bh
--
Reserved
xxxxxxxxh
836Ch-836Fh
--
Reserved
xxxxxxxxh
Table 4-28. Display Controller Register Summary (Continued)
GX_BASE+
Memory
Offset
Type
Name/Function
Default
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com