Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 154 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 154 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 150Page - National Semiconductor (TI) GX1 Datasheet HTML 151Page - National Semiconductor (TI) GX1 Datasheet HTML 152Page - National Semiconductor (TI) GX1 Datasheet HTML 153Page - National Semiconductor (TI) GX1 Datasheet HTML 154Page - National Semiconductor (TI) GX1 Datasheet HTML 155Page - National Semiconductor (TI) GX1 Datasheet HTML 156Page - National Semiconductor (TI) GX1 Datasheet HTML 157Page - National Semiconductor (TI) GX1 Datasheet HTML 158Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 247 page
background image
www.national.com
154
Revision 1.0
Integrated Functions (Continued)
4.5.12 Palette Access Registers
These registers are used for accessing the internal palette
RAM and extensions. In addition to the standard 256
entries for 8-bpp color translation, the GX1 processor pal-
ette has extensions for cursor colors and overscan (border)
color.
The Palette Access register group consists of two 32-bit
registers
located
at
GX_BASE+8370h
and
GX_BASE+8374h. These registers are summarized in
Table4-28onpage141,and Table4-33gives theirbit for-
mats.
Table 4-33. Display Controller Palette
Bit
Name
Description
GX_BASE+8370h-8373h
DC_PAL_ADDRESS Register (R/W)
Default Value = xxxxxxxxh
31:9
RSVD
Reserved: Set to 0.
8:0
PALETTE_ADDR
Palette Address: The address to be used for the next access to the DC_PAL_DATA register. Each
access to the data register automatically increments the palette address register. If non-sequential
access is made to the palette, the address register must be loaded between each non-sequential
data block. The address ranges are as follows.
Address
Color
0h - FFh
Standard Palette Colors
100h
Cursor Color 0
101h
Cursor Color 1
102h
Reserved
103h
Reserved
104h
Overscan (Color Border)
105h - 1FFh
Not Valid
GX_BASE+8374h-8377h
DC_PAL_DATA Register (R/W)
Default Value = xxxxxxxxh
31:18
RSVD
Reserved: Set to 0.
17:0
PALETTE_DATA
Palette Data: The read or write data for a palette access.1
1.
When a read or write to the palette RAM occurs, the previous output value is held for one additional DCLK period. This effect should
go unnoticed and provides for sparkle-free update. Prior to a read or write to this register, the DC_PAL_ADDRESS register should be
loaded with the appropriate address. The address automatically increments after each access to this register, so for sequential access,
the address register need only be loaded once



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com