Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 157 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 157 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 153Page - National Semiconductor (TI) GX1 Datasheet HTML 154Page - National Semiconductor (TI) GX1 Datasheet HTML 155Page - National Semiconductor (TI) GX1 Datasheet HTML 156Page - National Semiconductor (TI) GX1 Datasheet HTML 157Page - National Semiconductor (TI) GX1 Datasheet HTML 158Page - National Semiconductor (TI) GX1 Datasheet HTML 159Page - National Semiconductor (TI) GX1 Datasheet HTML 160Page - National Semiconductor (TI) GX1 Datasheet HTML 161Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 247 page
background image
Revision 1.0
157
www.national.com
Integrated Functions (Continued)
4.5.14.1 CS5530 Video Port Data Transfer
VID_VAL indicates that the GX1 processor has placed valid
data on VID_DATA[7:0]. VID_RDY indicates that the
CS5530 is ready to accept the next byte of video data.
VID_DATA[7:0]is advancedwhenbothVID_VAL and
VID_RDY are asserted. VID_RDY is driven one clock early
to the GX1 processor while VID_VAL is driven coincident
with VID_DATA[7:0]. A sample interface functional timing
diagram is shown in Figure 4-17.
Figure 4-17. Video Port Data Transfer (CS5530)
VID_CLK
VID_VAL
8CLKs
8+ 3CLKs
VID_RDY
3CLKs
4CLKs
8CLKs
1
2
CLK
CLKs
1
CLK
2
CLKs
2
CLKs
4CLKs
Note: VID_CLK = CORE_CLK/2
Invalid Data
VID_DATA [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com