Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 156 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 156 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 152Page - National Semiconductor (TI) GX1 Datasheet HTML 153Page - National Semiconductor (TI) GX1 Datasheet HTML 154Page - National Semiconductor (TI) GX1 Datasheet HTML 155Page - National Semiconductor (TI) GX1 Datasheet HTML 156Page - National Semiconductor (TI) GX1 Datasheet HTML 157Page - National Semiconductor (TI) GX1 Datasheet HTML 158Page - National Semiconductor (TI) GX1 Datasheet HTML 159Page - National Semiconductor (TI) GX1 Datasheet HTML 160Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 247 page
background image
www.national.com
156
Revision 1.0
Integrated Functions (Continued)
4.5.14 CS5530 Display Controller Interface
As previously stated in Section 1.7 “Geode GX1/CS5530
System Designs” on page 13, the GX1 processor inter-
faces with the Geode CS5530 I/O companion chip. This
section will discuss the specifics on signal connections
between the two devices with regards to the display con-
troller.
Because the GX1 processor is used in a system with the
CS5530 I/O companion chip, the need for an external
RAMDAC is eliminated. The CS5530 contains the DACs, a
video accelerator engine, and a TFT interface.
A GX1 processor and CS5530-based system supports
both flat panel and CRT configurations. Figure 4-16 shows
the signal connections for both types of systems.
Figure 4-16. Display Controller Signal Connections
DCLK
PCLK
FP_HSYNC
FP_VSYNC
ENA_DISP
VID_RDY
VID_CLK
VID_DATA[7:0]
PIXEL[17:12] (R)
PIXEL[11:6] (G)
HSYNC
VSYNC
R[5:0]
G[5:0]
B[5:0]
CLK
VDD
12VBKL
Pin 13
Pin 14
Pin 3
Pin 2
Pin 1
Geode™ GX1
Processor
Power
Control
TFT
ENAB
VGA
Pin 15
Pin 12
Flat
Geode™ CS5530
I/O Companion
DCLK
PCLK
FP_HSYNC
FP_VSYNC
DISP_ENA
VID_RDY
VID_CLK
VID_DATA[7:0]
PIXEL[23:18]
PIXEL[15:10]
PIXEL[5:0] (B)
VID_VAL
CRT_HSYNC
CRT_VSYNC
PIXEL[7:2]
VID_VAL
HSYNC
VSYNC
FP_ENA_VDD
FP_ENA_BKL
FP_DISP_ENA_OUT
FP_HSYNC
FP_VSYNC
FP_CLK
FP_DATA[17:12]
FP_DATA[11:16]
FP_DATA[5:0]
Logic
HSYNC_OUT
VSYNC_OUT
IOUTR
IOUTG
IOUTB
DDC_SCL
DDC_SDA
Panel
Port
Flat Panel
Configuration
CRT Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com