Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 155 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 155 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 151Page - National Semiconductor (TI) GX1 Datasheet HTML 152Page - National Semiconductor (TI) GX1 Datasheet HTML 153Page - National Semiconductor (TI) GX1 Datasheet HTML 154Page - National Semiconductor (TI) GX1 Datasheet HTML 155Page - National Semiconductor (TI) GX1 Datasheet HTML 156Page - National Semiconductor (TI) GX1 Datasheet HTML 157Page - National Semiconductor (TI) GX1 Datasheet HTML 158Page - National Semiconductor (TI) GX1 Datasheet HTML 159Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 247 page
background image
Revision 1.0
155
www.national.com
Integrated Functions (Continued)
4.5.13 FIFO Diagnostic Registers
The FIFO Diagnostic register group consists of two 32-bit
registers
located
at
GX_BASE+8378h
and
GX_BASE+837Ch. These registers are summarized in
Table 4-28 on page 141, and Table 4-34 gives their bit for-
mats
Table 4-34. FIFO Diagnostic Registers
Bit
Name
Description
GX_BASE+8378h-837Bh
DC_DFIFO_DIAG Register (R/W)
Default Value = xxxxxxxxh
31:0
DISPLAY FIFO
DIAGNOSTIC
DATA
Display FIFO Diagnostic Read or Write Data: Before this register is accessed, the DIAG bit in
DC_GENERAL_CFG register (see Table 4-29 on page 144) should be set high and the DFLE bit
should be set low. Since, each FIFO entry is 64 bits, an even number of write operations should be
performed. Each pair of write operations will cause the FIFO write pointer to increment automati-
cally. After all write operations have been performed, a single read of don't care data should be per-
formed to load data into the output latch. Each subsequent read will contain the appropriate data
which was previously written. Each pair of read operations will cause the FIFO read pointer to
increment automatically. A pause of at least four core clocks should be allowed between subse-
quent read operations to allow adequate time for the shift to take place.
GX_BASE+837Ch-837Fh
DC_CFIFO_DIAG Register (R/W)
Default Value = xxxxxxxxh
31:0
COMPRESSED
FIFO DIAGNOS-
TIC DATA
Compressed Data FIFO Diagnostic Read or Write Data: Before this register is accessed, the
DIAG bit in DC_GENERAL_CFG (see Table 4-29 on page 144) register should be set high and the
DFLE bit should be set low. Also, the DIAG bit in DC_OUTPUT_CFG (see Table 4-29 on Page 147)
should be set high and the CFRW bit in DC_OUTPUT_CFG should be set low. After each write, the
FIFO write pointer will automatically increment. After all write operations have been performed, the
CFRW bit of DC_OUTPUT_CFG should be set high to enable read addresses to the FIFO and a
single read of don't care data should be performed to load data into the output latch. Each subse-
quent read will contain the appropriate data which was previously written. After each read, the
FIFO read pointer will automatically increment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com