Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 161 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 161 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 157Page - National Semiconductor (TI) GX1 Datasheet HTML 158Page - National Semiconductor (TI) GX1 Datasheet HTML 159Page - National Semiconductor (TI) GX1 Datasheet HTML 160Page - National Semiconductor (TI) GX1 Datasheet HTML 161Page - National Semiconductor (TI) GX1 Datasheet HTML 162Page - National Semiconductor (TI) GX1 Datasheet HTML 163Page - National Semiconductor (TI) GX1 Datasheet HTML 164Page - National Semiconductor (TI) GX1 Datasheet HTML 165Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 247 page
background image
Revision 1.0
161
www.national.com
Integrated Functions (Continued)
entry. Except for 8-bpp modes, all VGA configurations drive
four bits of pixel data into the palette, which produces a 6-
bit result. Based on various control registers, this value is
then combined with other register contents to produce an
8-bit index into the DAC. There is a ColorPlaneEnable reg-
ister to mask bits out of the pixel data before it goes to the
palette; this is used to emulate four-color CGA modes by
ignoring the top two bits of each pixel. In 8-bpp modes, the
palette is bypassed and the pixel data goes directly to the
DAC.
4.6.1.5
VGA Video BIOS
The video BIOS supports the VESA BIOS Extensions
(VBE) Version 1.2 and 2.0, as well as all standard VGA
BIOS calls. It interacts with Virtual VGA through the use of
several extended VGA registers. These are virtual registers
contained in the VSA code for Virtual VGA. (These regis-
ters are defined in a separate document.)
4.6.2
Virtual VGA
The GX1 processor reduces the burden of legacy hardware
by using a balanced mix of hardware and software to pro-
vide the same functionality. The graphics pipeline contains
full hardware support for the VGA “front-end”, the logic that
controls read and write operations to the VGA frame buffer
(located in graphics memory). For some modes, the hard-
ware can also provide direct display of the data in the VGA
buffer. Virtual VGA traps frame buffer accesses only when
necessary, but it must trap all VGA I/O accesses to main-
tain the VGA state and properly program the graphics pipe-
line and display controller.
The processor core contains SMI generation hardware for
VGA memory write operations. The bus controller contains
SMI generation hardware for VGA I/O read and write oper-
ations. The graphics pipeline contains hardware to detect
and process reads and writes to VGA memory. VGA mem-
ory is partitioned from system memory.
VGA functionality with the GX1 processor includes the
standard VGA modes (VGA, EGA, CGA, and MDA) as well
as the higher-resolution VESA modes. The CGA and MDA
modes (modes 0 through 7) require that Virtual VGA con-
vert thedatainthe VGAbuffer toaseparate 8-bppframe
buffer that the hardware can use for display refresh.
The remaining modes, VGA, EGA, and VESA, can be dis-
played directly by the hardware, with no data conversion
required. For these modes, Virtual VGA often outperforms
typical VGA cards because the frame buffer data does not
travel across an external bus.
Display drivers for popular GUI (graphical user interface)
based operating systems are provided by National Semi-
conductor which enable a full featured 2D hardware accel-
erator to be used instead of the emulated VGA core.
4.6.2.1
Datapath Elements
The graphics controller contains several elements that con-
vert between host data and frame buffer data.
The rotator simply rotates the byte written from the host by
0 to 7 bits to the right, based on the RotateCount field of
the DataRotate register. It has no effect in the read path.
The display latch is a 32-bit register that is loaded on every
read access to the frame buffer. All 32 bits of the frame
buffer DWORDs are loaded into the latch.
The write-mode unit converts a byte from the host into a
32-bit value. A VGA has four write modes:
• WriteMode0:
— Bit n of byte b comes from one of two places,
depending on bit b of the EnableSetReset register. If
that bit is zero, it comes from bit n of the host data. If
that bit is one, it comes from bit b of the SetReset
register. This mode allows the programmer to set
some planes from the host data and the others from
SetReset.
• WriteMode1:
— All 32 bits come directly out of the display latch; the
host data is ignored. This mode is used for screen-to-
screen copies.
• WriteMode2:
— Bit n of byte b comes from bit b of the host data; that
is, the four LSBs of the host data are each replicated
through a byte of the result. In conjunction with the
BitMask register, this mode allows the programmer to
directly write a 4-bit color to one or more pixels.
• WriteMode3:
— Bit n of byte b comes from bit b of the SetReset
register. The host data is ANDed with the BitMask
register to provide the bit mask for the write (see
below).
The read mode unit converts a 32-bit value from the frame
buffer into a byte. A VGA has two read modes:
• Read Mode 0:
— One of the four bytes from the frame buffer is
returned, based on the value of the ReadMapSelect
register. In Chain 4 mode, bits [1:0] of the read
address select a plane. In odd/even read mode, bit 0
of the read address replaces bit 0 of ReadMapSelect.
• Read Mode 1:
— Bit n of the result is set to 1 if bit n in every byte b
matches bit b of the ColorCompare register; other-
wise it is set to 0. There is a ColorDon’tCare register
that can exclude planes from this comparison. In
four-plane graphics modes, this provides a conver-
sion from 4-bpp to 1-bpp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com