Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 164 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 164 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 160Page - National Semiconductor (TI) GX1 Datasheet HTML 161Page - National Semiconductor (TI) GX1 Datasheet HTML 162Page - National Semiconductor (TI) GX1 Datasheet HTML 163Page - National Semiconductor (TI) GX1 Datasheet HTML 164Page - National Semiconductor (TI) GX1 Datasheet HTML 165Page - National Semiconductor (TI) GX1 Datasheet HTML 166Page - National Semiconductor (TI) GX1 Datasheet HTML 167Page - National Semiconductor (TI) GX1 Datasheet HTML 168Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 247 page
background image
www.national.com
164
Revision 1.0
Integrated Functions (Continued)
Table 4-37. VGA Configuration Registers
Bit
Description
Index B9h
VGACTL Register (R/W)
Default Value = 00h
7:3
Reserved: Set to 0.
2
SMI generation for VGA memory range B8000h to BFFFFh: 0 = Disable; 1 = Enable.
1
SMI generation for VGA memory range B0000h to B7FFFh: 0 = Disable; 1 = Enable.
0
SMI generation for VGA memory range A0000h to AFFFFh: 0 = Disable; 1 = Enable.
Index BAh-BDh
VGAM Register (R/W)
Default Value = xxxxxxxxh
31
SMI generation for address range AF800h to AFFFFh: 0 = Disable; 1 = Enable.
30
SMI generation for address range AF000h to AF7FFh: 0 = Disable; 1 = Enable.
29
SMI generation for address range AE800h to AEFFFh: 0 = Disable; 1 = Enable.
28
SMI generation for address range AE000h to AE7FFh: 0 = Disable; 1 = Enable.
27
SMI generation for address range AD800h to ADFFFh: 0 = Disable; 1 = Enable.
26
SMI generation for address range AD000h to AD7FFh: 0 = Disable; 1 = Enable.
25
SMI generation for address range AC800h to ACFFFh: 0 = Disable; 1 = Enable.
24
SMI generation for address range AC000h to AC7FFh: 0 = Disable; 1 = Enable.
23
SMI generation for address range AB800h to ABFFFh: 0 = Disable; 1 = Enable.
22
SMI generation for address range AB000h to AB7FFh: 0 = Disable; 1 = Enable.
21
SMI generation for address range AA800h to AAFFFh: 0 = Disable; 1 = Enable.
20
SMI generation for address range AA000h to AA7FFh: 0 = Disable; 1 = Enable.
19
SMI generation for address range A9800h to A9FFFh: 0 = Disable; 1 = Enable.
18
SMI generation for address range A9000h to A97FFh: 0 = Disable; 1 = Enable.
17
SMI generation for address range A8800h to A8FFFh: 0 = Disable; 1 = Enable.
16
SMI generation for address range A8000h to A87FFh: 0 = Disable; 1 = Enable.
15
SMI generation for address range A7800h to A7FFFh: 0 = Disable; 1 = Enable.
14
SMI generation for address range A7000h to A77FFh: 0 = Disable; 1 = Enable.
13
SMI generation for address range A6800h to A6FFFh: 0 = Disable; 1 = Enable.
12
SMI generation for address range A6000h to A67FFh: 0 = Disable; 1 = Enable.
11
SMI generation for address range A5800h to A5FFFh: 0 = Disable; 1 = Enable.
10
SMI generation for address range A5000h to A57FFh: 0 = Disable; 1 = Enable.
9
SMI generation for address range A4800h to A4FFFh: 0 = Disable; 1 = Enable.
8
SMI generation for address range A4000h to A47FFh: 0 = Disable; 1 = Enable.
7
SMI generation for address range A3800h to A3FFFh: 0 = Disable; 1 = Enable.
6
SMI generation for address range A3000h to A37FFh: 0 = Disable; 1 = Enable.
5
SMI generation for address range A2800h to A2FFFh: 0 = Disable; 1 = Enable.
4
SMI generation for address range A2000h to A27FFh: 0 = Disable; 1 = Enable.
3
SMI generation for address range A1800h to A1FFFh: 0 = Disable; 1 = Enable.
2
SMI generation for address range A1000h to A17FFh: 0 = Disable; 1 = Enable.
1
SMI generation for address range A0800h to A0FFFh: 0 = Disable; 1 = Enable.
0
SMI generation for address range A0000h to A07FFh: 0 = Disable; 1 = Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com