Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 167 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 167 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 163Page - National Semiconductor (TI) GX1 Datasheet HTML 164Page - National Semiconductor (TI) GX1 Datasheet HTML 165Page - National Semiconductor (TI) GX1 Datasheet HTML 166Page - National Semiconductor (TI) GX1 Datasheet HTML 167Page - National Semiconductor (TI) GX1 Datasheet HTML 168Page - National Semiconductor (TI) GX1 Datasheet HTML 169Page - National Semiconductor (TI) GX1 Datasheet HTML 170Page - National Semiconductor (TI) GX1 Datasheet HTML 171Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 247 page
background image
Revision 1.0
167
www.national.com
Integrated Functions (Continued)
4.7
PCI CONTROLLER
The GX1 processor includes an integrated PCI controller
with the following features.
4.7.1
X-Bus PCI Slave
• 16-byte PCI write buffer
• 16-byte PCI read buffer from X-bus
• Supports cache line bursting
• Write/Inv line support
• Pacing of data for read or write operations with X-bus
• No active byte enable transfers supported
4.7.2
X-Bus PCI Master
• 16 byte X-bus to PCI write buffer
• Configuration read/write Support
• Int Acknowledge support
• Lock conversion
• Support fast back-to-back cycles as slave
4.7.3
PCI Arbiter
• Fixed, rotating, hybrid, or ping-pong arbitration
(programmable)
• Support four masters, three on PCI
• Internal REQ for CPU
• Master retry mask counter
• Master dead timer
• Resource or total system lock support
4.7.4
Generating Configuration Cycles
Configuration space is a physical address space unique to
PCI. Configuration Mechanism #1 must be used by soft-
ware to generate configuration cycles. Two DWORD I/O
locations are used in this mechanism. The first DWORD
location (CF8h) references a read/write register that is
named
CONFIG_ADDRESS.
The
second
DWORD
address
(CFCh)
references
a
register
named
CONFIG_DATA. The general method for accessing config-
uration space is to write a value into CONFIG_ADDRESS
that specifies a PCI bus, a device on that bus, and a config-
uration register in that device being accessed. A read or
write to CONFIG_DATA will then cause the bridge to trans-
late that CONFIG_ADDRESS value to the requested con-
figuration cycle on the PCI bus.
4.7.5
Generating Special Cycles
A special cycle is a broadcast message to the PCI bus.
Two hardcoded special cycle messages are defined in the
command encode: HALT and SHUTDOWN. Software can
also generate special cycles by using special cycle genera-
tion for configuration mechanism #1 as described in the
PCI Specification 2.1 and briefly described here. To initiate
a special cycle from software, the host must write a value
to CONFIG_ADDRESS encoded as shown in Table 4-40.
Thenextvalue writtentoCONFIG_DATA is theencoded
special cycle. Type 0 or Type 1 conversion will be based on
the Bus Bridge number matching the GX1 processor’sbus
number of 00h.
Table 4-40. Special Cycle Code to CONFIG_ADDRESS1
31
30
24 23 22 21 20 19 18 17 16 15 14 13 12 11
10
9
8
7
6
5
4
3
2
1
0
1
0 0 0000 0
Bus No. = Bridge
1
1
1
1
1
1
1
1
0
0
0
0
0
0
CONFIG
ENABLE
RSVD
BUS NUMBER
DEVICE NUMBER
FUNCTION
NUMBER
REGISTER NUMBER
TRANS-
LATION
TYPE
1.
See Table 4-41 on page 168, bits [1:0] for translation type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com