Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 166 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 166 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 162Page - National Semiconductor (TI) GX1 Datasheet HTML 163Page - National Semiconductor (TI) GX1 Datasheet HTML 164Page - National Semiconductor (TI) GX1 Datasheet HTML 165Page - National Semiconductor (TI) GX1 Datasheet HTML 166Page - National Semiconductor (TI) GX1 Datasheet HTML 167Page - National Semiconductor (TI) GX1 Datasheet HTML 168Page - National Semiconductor (TI) GX1 Datasheet HTML 169Page - National Semiconductor (TI) GX1 Datasheet HTML 170Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 247 page
background image
www.national.com
166
Revision 1.0
Integrated Functions (Continued)
Table 4-39. Virtual VGA Registers
Bit
Name
Description
GX_BASE+8140h-8143h
GP_VGA_WRITE Register (R/W)
Default Value = xxxxxxxxh
31:28
RSVD
Reserved: Set to 0.
27:24
MAP_MASK
Map Mask: Enables planes 3 through 0 for writing. Combined with chain control to determine the
final enables.
23:21
RSVD
Reserved: Set to 0.
20
W3
Write Mode 3: Selects write mode 3 by using the bit mask with the rotated data.
19
W2
Write Mode 2: Selects write mode 2 by controlling set/reset.
18:16
RC
Rotate Count: Controls the 8-bit rotator.
15:12
SRE
Set/Reset Enable: Enables the set/reset value for each plane.
11:8
SR
Set/Reset: Selects 1 or 0 for each plane if enabled.
7:0
BIT_MASK
Bit Mask: Selects data from the data latches (last read data).
GX_BASE+8144h-8147h
GP_VGA_READ Register (R/W)
Default Value = 00000000h
31:18
RSVD
Reserved: Set to 0.
17:16
RMS
Read Map Select: Selects which plane to read in read mode 0 (Chain 2 and Chain 4 inactive).
15
F15
Force Address Bit 15: Forces address bit 15 to 0.
14
PC4
Packed Chain 4: Provides 64 KB of packed pixel addressing when used with Chain 4 mode. This bit
causes the VGA addresses to be shifted right by 2 bits.
13
C4
Chain 4 Mode: Selects Chain 4 mode for both read operations and write operations. This overrides
bits 10 and 9 of this register.
12
PB
Page Bit: Becomes LSB of address if COE is set high.
11
COE
Chain Odd/Even: Selects PB rather than A0 for least-significant VGA address bit.
10
W2
Write Chain 2 Mode: Selects Chain 2 mode for write operations. Bit 13 overrides this bit.
9R2
Read Chain 2 Mode: Selects Chain 2 mode for read operations. Bit 13 overrides this bit.
8RM
Read Mode: Selects between read mode 0 (normal) and read mode 1 (color compare).
7:4
CCM
Color Compare Mask: Selects planes to include in the color comparison (read mode 1).
3:0
CC
Color Compare: Specifies value of each plane for color comparison (read mode 1).
GX_BASE+8210h-8213h
GP_VGA_BASE (R/W)
Default Value = xxxxxxxxh
31:14
RSVD
Reserved: Set to 0.
13:8
VGA_RD_BASE
Read Base Address: The VGA base address is added to the graphics memory base to specify
where VGA memory starts. The VGA base address provides address bits [19:14] when mapping
VGA accesses into graphics memory. This allows the VGA base address to start on any 64 KB
boundary within the 4 MB of graphics memory. This register is used for reads to the VGA trace buffer.
7:6
RSVD
Reserved: Set to 0.
5:0
VGA_WR_BASE
Write Base Address: The VGA base address is added to the graphics memory base to specify
where VGA memory starts. The VGA base address provides address bits [19:14] when mapping
VGA accesses into graphics memory. This allows the VGA base address to start on any 64 KB
boundary within the 4 MB of graphics memory. This register is used for writes to the VGA trace buffer.
GX_BASE+8214h-8217h
GP_VGA_LATCH Register (R/W)
Default Value = xxxxxxxxh
31:0
LATCH
Display Latch: Specifies the value in the VGA display latch. VGA read operations cause VGA frame
buffer data to be latched in the display latch. VGA write operations can use the display latch as a
source of data for VGA frame buffer write operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com