Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 165 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 165 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 161Page - National Semiconductor (TI) GX1 Datasheet HTML 162Page - National Semiconductor (TI) GX1 Datasheet HTML 163Page - National Semiconductor (TI) GX1 Datasheet HTML 164Page - National Semiconductor (TI) GX1 Datasheet HTML 165Page - National Semiconductor (TI) GX1 Datasheet HTML 166Page - National Semiconductor (TI) GX1 Datasheet HTML 167Page - National Semiconductor (TI) GX1 Datasheet HTML 168Page - National Semiconductor (TI) GX1 Datasheet HTML 169Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 247 page
background image
Revision 1.0
165
www.national.com
Integrated Functions (Continued)
4.6.4
Virtual VGA Register Descriptions
This section describes the registers contained in the graph-
ics pipeline used for VGA emulation. The graphics pipeline
maps 200h locations starting at GX_BASE+8100h. Refer
to Section 4.1.2 “Control Registers” on page 99 for instruc-
tions on accessing these registers.
The registers are summarized in Table 4-38, followed by
detailed bit formats in Table 4-39.
Table 4-38. Virtual VGA Register Summary
GX_BASE+
Memory Offset
Type
Name/Function
Default Value
8140h-8143h
R/W
GP_VGA_WRITE
Graphics Pipeline VGA Write Patch Control register: Controls the VGA memory
write path in the graphics pipeline.
xxxxxxxxh
8144h-8147h
R/W
GP_VGA_READ
Graphics Pipeline VGA Read Patch Control register: Controls the VGA memory
read path in the graphics pipeline.
00000000h
8210h-8213h
R/W
GP_VGA_BASE VGA
Graphics Pipeline VGA Memory Base Address register: Specifies the offset of the
VGA memory, starting from the base of graphics memory.
xxxxxxxxh
8214h-8217h
R/W
GP_VGA_LATCH
Graphics Pipeline VGA Display Latch register : Provides a memory mapped way
to read or write the VGA display latch.
xxxxxxxxh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com