Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 168 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 168 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 164Page - National Semiconductor (TI) GX1 Datasheet HTML 165Page - National Semiconductor (TI) GX1 Datasheet HTML 166Page - National Semiconductor (TI) GX1 Datasheet HTML 167Page - National Semiconductor (TI) GX1 Datasheet HTML 168Page - National Semiconductor (TI) GX1 Datasheet HTML 169Page - National Semiconductor (TI) GX1 Datasheet HTML 170Page - National Semiconductor (TI) GX1 Datasheet HTML 171Page - National Semiconductor (TI) GX1 Datasheet HTML 172Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 247 page
background image
www.national.com
168
Revision 1.0
Integrated Functions (Continued)
4.7.6
PCI Configuration Space Control
Registers
There
are
two
registers
in
this
category:
CONFIG_ADDRESS and CONFIG_DATA.
The CONFIG_ADDRESS register contains the address
information for the next configuration space access to
CONFIG_DATA. Only DWORD accesses are permitted to
this register all others will be forwarded as normal I/O
cycles to the PCI bus.
The CONFIG_DATA register contains the data that is sent
or received during a PCI configuration space access.
Table 4-41 gives the bit formats for these two registers.
Table 4-41. PCI Configuration Registers
Bit
Name
Description
I/O Offset 0CF8h-0CFBh
CONFIG_ADDRESS Register (R/W)
Default Value = 00000000h
31
CFG_EN
CONFIG ENABLE: Determines when accesses should be translated to configuration cycles on the
PCI bus, or treated as a normal I/O operation. This register will be updated only on full DWORD I/O
operations to the CONFIG_ADDRESS. Any other accesses are treated as normal I/O cycles in order
to allow I/O devices to use BYTE or WORD registers at the same address and remain unaffected.
Once bit 31 is set high, subsequent accesses to CONFIG_DATA are then translated to configuration
cycles.
1 = Generate configuration cycles.
0 = Normal I/O cycles.
30:24
RSVD
Reserved: Set to 0.
23:16
BUS
Bus: Specifies a PCI bus number in the hierarchy of 1 to 256 buses.
15:11
DEVICE
Device: Selects a device on a specified bus. A device value of 00h will select the GX1 processor if
the bus number is also 00h. DEVICE values of 01h to 15h will be mapped to AD[31:11], so only 21 of
the 32 possible devices are supported. A DEVICE value of 00001b will map to AD[11] while a device
of 10101b will map to AD[31].
10:8
FUNCTION
Function: Selects a function in a multi-function device.
7:2
REGISTER
Register: Chooses a configuration DWORD space register in the selected device.
1:0
TT
Translation Type Bits: These bits indicate if the configuration access is local or one that requires
translation through other bridges to another PCI bus. When an access occurs to the CONFIG_DATA
address and the specified bus number matches the GX1 processor’s bus number (00h), then a Type
0 translation takes place.
For a Type 0 translation, the CONFIG_ADDRESS register values are translated to AD lines on the
PCI bus. Note that bits [10:2] are passed unchanged. The DEVICE value is mapped to one of 21 AD
lines. The translation type bits are set to 00 to indicate a transaction on the local PCI bus.
When an access occurs to the CONFIG_DATA address and the specified bus number is not 00h
(Type 1), the GX1 processor passes this cycle to the PCI bus by copying the contents of the
CONFIG_ADDRESS register onto the AD lines during the address phase of the cycle while driving
the translation type bits AD[1:0] to 01.
I/O Offset 0CFCh-0CFFh
CONFIG_DATA (R/W)
Default Value = 00000000h
31:0
CONFIG_DATA
Configuration Data register: Contains the data that is sent or received during a PCI configuration
space access. The register accessed is determined by the value in the CONFIG_ADDRESS register.
The CONFIG_DATA register supports BYTE, WORD, or DWORD accesses. To access this register,
bit 31 of the CONFIG_ADDRESS register must be set to 0 and a full DWORD I/O access must be
done. Configuration cycles are performed when bit 31 of the CONFIG_ADDRESS register is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com