Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 171 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 171 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 167Page - National Semiconductor (TI) GX1 Datasheet HTML 168Page - National Semiconductor (TI) GX1 Datasheet HTML 169Page - National Semiconductor (TI) GX1 Datasheet HTML 170Page - National Semiconductor (TI) GX1 Datasheet HTML 171Page - National Semiconductor (TI) GX1 Datasheet HTML 172Page - National Semiconductor (TI) GX1 Datasheet HTML 173Page - National Semiconductor (TI) GX1 Datasheet HTML 174Page - National Semiconductor (TI) GX1 Datasheet HTML 175Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 247 page
background image
Revision 1.0
171
www.national.com
Integrated Functions (Continued)
10:9
DT
Device Timing: The GX1 processor performs medium DEVSEL# active for addresses that hit into the
GX1 processor address space. These two bits are always set to 01.
00 = Fast
01 = Medium
10 = Slow
11 = Reserved
8DPD
Data Parity Detected: This bit is set when all three conditions are met.
1) GX1 processor asserted PERR# or observed PERR# asserted;
2) GX1 processor is the master for the cycle in which the PERR# occurred; and
3) PE (bit 6 of Command register) is enabled.
This bit can be cleared to 0 by writing a 1 to it.
7FBS
Fast Back-to-Back Capable: As a target, the processor is capable of accepting Fast Back-to-Back trans-
actions.
This bit is always set to 1.
6:0
RSVD
Reserved: Set to 0.
Index 08h
Revision Identification Register (RO)
Default Value = 00h
7:0
RID (RO)
Revision ID (Read Only): This register contains the revision number of the GX1 design.
Index 09h-0Bh
Class Code Register (RO)
Default Value = 060000h
23:16
CLASS
Class Code: The class code register is used to identify the generic function of the device. The
GX1 processor is classified as a host bridge device (06).
15:0
RSVD (RO)
Reserved (Read Only)
Index 0Ch
Cache Line Size Register (RO)
Default Value = 00h
7:0
CACHELINE
Cache Line Size (Read Only): The cache line size register specifies the system cache line size in units
of 32-bit words. This function is not supported in the GX1 processor.
Index 0Dh
Latency Timer Register (R/W)
Default Value = 00h
7:5
RSVD
Reserved: Set to 0.
4:0
LAT_TIMER
Latency Timer: The latency timer as used in this implementation will prevent a system lockup resulting
from a slave that does not respond to the master. If the register value is set to 00h, the timer is disabled.
Otherwise, Timer represents the 5 MSBs of an 8-bit counter. The counter will reset on each valid data
transfer. If the counter expires before the next TRDY# is received active, then the slave is considered to
be incapable of responding, and the master will stop the transaction with a master abort and flag an
SERR# active. This would also keep the master from being retried forever by a slave device that contin-
ues to issue retries. In these cases, the master will also stop the cycle with a master abort.
Index 0Eh-3Fh
Reserved
Default Value = 00h
Index 40h
PCI Control Function 1 Register (R/W)
Default Value = 00h
7RSVD
Reserved: Set to 0.
6SW
Single Write Mode: GX1 as a PCI slave supports:
0 = Multiple PCI write cycles
1 = Single cycle write transfers on the PCI bus. The slave will perform a target disconnect with the first
data transferred.
5SR
Single Read Mode: GX1 as a PCI slave supports:
0 = Multiple PCI read cycles.
1 = Single cycle read transfers on the PCI bus. The slave will perform a target disconnect with the first
data transferred.
4RXBNE
Force Retry when X-Bus Buffers are Not Empty: GX1 as a PCI slave:
0 = Accepts the PCI cycle with data in the PCI master write buffers. The data in the PCI master write buff-
ers will not be affected or corrupted. The PCI master holds request active indicating the need to access
the PCI bus.
1 = Retries cycles if the PCI master X-Bus write buffers contain buffered data.
Table 4-44. PCI Configuration Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com