Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 173 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 173 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 169Page - National Semiconductor (TI) GX1 Datasheet HTML 170Page - National Semiconductor (TI) GX1 Datasheet HTML 171Page - National Semiconductor (TI) GX1 Datasheet HTML 172Page - National Semiconductor (TI) GX1 Datasheet HTML 173Page - National Semiconductor (TI) GX1 Datasheet HTML 174Page - National Semiconductor (TI) GX1 Datasheet HTML 175Page - National Semiconductor (TI) GX1 Datasheet HTML 176Page - National Semiconductor (TI) GX1 Datasheet HTML 177Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 247 page
background image
Revision 1.0
173
www.national.com
Integrated Functions (Continued)
Index 44h
PCI Arbitration Control 2 Register (R/W)
Default Value = 00h
7PP
Ping-Pong:
0 = Arbiter grants the processor bus per the setting of bits [2:0].
1 = Arbiter grants the processor bus ownership of the PCI bus every other arbitration cycle.
6:4
FAC
Fixed Arbitration Controls: These bits control the priority under fixed arbitration. The priority table is as
follows (priority listed highest to lowest):
000 = REQ0#, REQ1#, REQ2#
001 = REQ1#, REQ0#, REQ2#
010 = REQ0#, REQ2#,REQ1#
011 = Reserved
100 = REQ1#, REQ2#, REQ0#
101 = Reserved
110 = REQ2#, REQ1#, REQ0#
111 = REQ2#, REQ0#, REQ1#
The rotation arbitration bits [2:0] must be set to 000 for full fixed arbitration. If rotation bits are not set to
000, then hybrid arbitration will occur. If Ping-Pong is enabled (bit 7 = 1), the processor will have priority
every other arbitration. In this mode, the arbiter grants the PCI bus to a master and ignores all other
requests. When the master finishes, the processor will be guaranteed access. At this point PCI requests
will again be recognized. This will switch arbitration from CPU to PCI to CPU to PCI, etc.
3RSVD
Reserved: Set to 0.
2:0
RAC
Rotating Arbitration Controls: These bits control the priority under rotating arbitration.
000 = Fixed arbitration will occur.
111 = Full rotating arbitration will occur.
When these bits are set to other values, hybrid arbitration will occur.
Index 45h-FFh
Reserved
Default Value = 00h
Table 4-44. PCI Configuration Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com