Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 176 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 176 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 172Page - National Semiconductor (TI) GX1 Datasheet HTML 173Page - National Semiconductor (TI) GX1 Datasheet HTML 174Page - National Semiconductor (TI) GX1 Datasheet HTML 175Page - National Semiconductor (TI) GX1 Datasheet HTML 176Page - National Semiconductor (TI) GX1 Datasheet HTML 177Page - National Semiconductor (TI) GX1 Datasheet HTML 178Page - National Semiconductor (TI) GX1 Datasheet HTML 179Page - National Semiconductor (TI) GX1 Datasheet HTML 180Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 247 page
background image
www.national.com
176
Revision 1.0
Integrated Functions (Continued)
4.7.8.3
PCI Arbitration
An agent requests the bus by asserting its REQ#. Based
on the arbitration scheme set in the PCI Arbitration Control
2 register (Index 44h), the GX1 processor’sPCI arbiter will
grant the request by asserting GNT#. Figure 4-20 illus-
trates basic arbitration.
REQ#-a is asserted at CLK 1. The PCI arbiter grants
access to Agent A by asserting GNT#-a on CLK 2. Agent A
must begin a transaction by asserting FRAME# within 16
clocks, or the GX1’s PCI arbiter will remove GNT#. Also, it
is possible for Agent A to lose bus ownership sooner if
another agent with higher priority requests the bus. How-
ever, in this example, Agent B is of higher priority than
Agent A. When Agent B requests the bus on CLK 2, Agent
A is allowed to proceed per Specification. Agent A starts its
transaction on CLK 3 by asserting FRAME# and completes
its transaction. Since Agent A requests another transac-
tion, REQ#-a remains asserted. When FRAME# is
asserted on CLK 3, the PCI arbiter determines Agent B
should go next, asserts GNT#-b and deasserts GNT#-a on
CLK 4. Agent B requires only a single transaction. It com-
pletes the transaction, then deasserts FRAME# and
REQ#-b on CLK 6. The PCI arbiter can then grant access
to Agent A, and does so on CLK 7. Note that all buffers
must flush before a grant is given to a new agent.
For additional information refer to Chapter 3.4.1, Arbitration
Signaling Protocol, of the PCI Local Bus Specification,
Revision 2.1.
4.7.8.4
PCI Halt Command
Halt is a broadcast message from the GX1 processor indi-
cating it has executed a HALT instruction. The PCI Special
Cycle command is used to broadcast the message to all
agents on the bus segment. During the address phase of
the Halt Special cycle, C/BE[3:0]# = 0001 and AD[31:0] are
driven to arbitrary values. During the data phase, C/
BE[3:0]# = 1100 indicating bytes 1 and 0 are valid and
AD[15:0] = 0001h.
For additional information, refer to Chapter 3.7.2, Special
Cycle, and Appendix A, Special Cycle Messages, of the
PCI Local Bus Specification, Revision 2.1.
Figure 4-20. Basic Arbitration
CLK
REQ#-a
REQ#-b
GNT#-a
GNT#-b
FRAME#
AD
DATA
ADDR
DATA
ADDR
Agent-A
Agent-B
1
2
3
4567
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com