Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 180 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 180 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 176Page - National Semiconductor (TI) GX1 Datasheet HTML 177Page - National Semiconductor (TI) GX1 Datasheet HTML 178Page - National Semiconductor (TI) GX1 Datasheet HTML 179Page - National Semiconductor (TI) GX1 Datasheet HTML 180Page - National Semiconductor (TI) GX1 Datasheet HTML 181Page - National Semiconductor (TI) GX1 Datasheet HTML 182Page - National Semiconductor (TI) GX1 Datasheet HTML 183Page - National Semiconductor (TI) GX1 Datasheet HTML 184Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 247 page
background image
www.national.com
180
Revision 1.0
Power Management (Continued)
5.2.2
Initiating Suspend with SUSP#
The GX1 processor enters the Suspend mode in response
to SUSP# input assertion only when certain conditions are
met. First, the USE_SUSP bit must be set in CCR2 (Index
C2h[7]). In addition, execution of the current instructions
and any pending decoded instructions and associated bus
cycles must be completed. SUSP# is sampled on the rising
edge of SYSCLK, and must meet specified setup and hold
times to be recognized at a particular SYSCLK edge. See
Figure 5-2 for timing details.
When all conditions are met, the SUSPA# output is
asserted. The time from assertion of SUSP# to the activa-
tion of SUSPA# depends on which instructions were
decoded prior to assertion of SUSP#. Normally, once
SUSP# has been sampled inactive the SUSPA# output will
be deactivated within two clocks. However, the deactivation
of SUSPA# may be delayed until the end of an active
refresh cycle.
If theCPU is alreadyina Suspendmodeinitiated by
SUSP#, one occurrence of INTR and SMI# is stored for
execution after Suspend mode is exited. The CPU also
allows PCI master accesses during a SUSP#-initiated Sus-
pend mode. See Figure 5-3 for timing details. If an
unmasked REQx# is asserted, the GX1 processor will
deassert SUSPA# and exit Suspend mode to respond to
the PCI master access. If SUSP# is asserted when the PCI
master access is completed, REQx# deasserted, the GX1
processor will reassert SUSPA# and return to a SUSP#-ini-
tiated Suspend mode. If the CPU is in the middle of a PCI
master access when SUSP# is asserted, the assertion of
SUSPA# will be delayed until the PCI access is completed.
Figure 5-2. SUSP#-Initiated Suspend Mode
Figure 5-3. PCI Access During Suspend Mode
SYSCLK
SUSP#
SUSPA#
SYSCLK
REQx#
TRDY#
SUSP#
SUSPA#
FRAME#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com