Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 182 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 182 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 178Page - National Semiconductor (TI) GX1 Datasheet HTML 179Page - National Semiconductor (TI) GX1 Datasheet HTML 180Page - National Semiconductor (TI) GX1 Datasheet HTML 181Page - National Semiconductor (TI) GX1 Datasheet HTML 182Page - National Semiconductor (TI) GX1 Datasheet HTML 183Page - National Semiconductor (TI) GX1 Datasheet HTML 184Page - National Semiconductor (TI) GX1 Datasheet HTML 185Page - National Semiconductor (TI) GX1 Datasheet HTML 186Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 247 page
background image
www.national.com
182
Revision 1.0
Power Management (Continued)
5.3
POWER MANAGEMENT REGISTERS
The GX1 processor contains the power management reg-
isters for the serial packet transmission control, the user-
defined power management address space, Suspend
Refresh, and SMI status for Suspend/Resume. These
registers are memory mapped (GX_BASE+8500h-8FFFh)
in the address space of the GX1 processor and are
described in the following sections. Refer to Section 4.1.2
“Control Registers” on page 99 for instructions on access-
ing these registers.
Note, however, the PM_BASE and PM_MASK registers
areaccessedwiththe CPU_READ andCPU_WRITE
instructions.
Refer
to
Section
4.1.6
“CPU_READ/
CPU_WRITE Instructions” on page 102 for more informa-
tion regarding these instructions.
Table 5-1 summarizes the above mentioned registers.
Tables 5-2 and 5-3 give these register’sbit formats.
Table 5-1. Power Management Register Summary
GX_BASE+
Memory Offset
Type
Name/Function
Default
Value
Control and Status Registers
8500h-8503h
R/W
PM_STAT_SMI
PM SMI Status register: Contains System Management Mode (SMM) status infor-
mation used by SoftVGA.
xxxxxx00h
8504h-8507h
R/W
PM_CNTRL_TEN
PM Serial Packet Control register: Sets the serial packet transmission frequency
and enables specific CPU events to be recorded in the serial packet.
xxxxxx00h
8508h-850Bh
R/W
PM_CNTRL_CSTP
PM Clock Stop Control register: Enables the 3V Suspend Mode for the GX1 pro-
cessor.
xxxxxx00h
850Ch-850Fh
R/W
PM_SER_PACK
PM Serial Packet register: Transmits the contents of the serial packet.
xxxxxx00h
Programmable Address Region Registers
FFFFFF6Ch
R/W
PM_BASE
PM Base register: Contains the base address for the programmable memory
range decode. This register, in combination with the PM_MASK register, is used to
generate a memory range decode which sets bit 1 in the serial transmission
packet.
00000000h
FFFFFF7Ch
R/W
PM_MASK
PM Mask register: The address mask for the PM_BASE register
00000000h
Table 5-2. Power Management Control and Status Registers
Bit
Name
Description
GX_BASE+8500h-8503h
PM_STAT_SMI Register (R/W)
Default Value = xxxxxx00h
31:8
RSVD
Reserved: These bits are not used. Do not write to these bits.
7:3
RSVD
Reserved: Set to 0.
2SMI_MEM
SMI VGA Emulation Memory: This bit is set high if a SMI was generated for VGA emulation in
response to a VGA memory access. An SMI can be generated on a memory access to one of three
regions in the A0000h to BFFFFh range as specified in the BC_XMAP_1 register. (See Table 4-9 on
page 104)
1SMI_IO
SMI VGA Emulation I/O: This bit is set high if a SMI was generated for VGA emulation in response
to an I/O access. An SMI can be generated on a I/O access to one of three regions in the 3B0h to
3DFh range as specified in the BC_XMAP_1 register. (See Table 4-9 on page 104)
0SMI_PIN
SMI Pin: When set high, this bit indicates that the SMI# input pin has been asserted to the
GX1 processor.
Note:
These bits are “sticky” bits and can only be cleared with a write of ‘1’ to the respective bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com