Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 186 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 186 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 182Page - National Semiconductor (TI) GX1 Datasheet HTML 183Page - National Semiconductor (TI) GX1 Datasheet HTML 184Page - National Semiconductor (TI) GX1 Datasheet HTML 185Page - National Semiconductor (TI) GX1 Datasheet HTML 186Page - National Semiconductor (TI) GX1 Datasheet HTML 187Page - National Semiconductor (TI) GX1 Datasheet HTML 188Page - National Semiconductor (TI) GX1 Datasheet HTML 189Page - National Semiconductor (TI) GX1 Datasheet HTML 190Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 247 page
background image
www.national.com
186
Revision 1.0
Electrical Specifications (Continued)
6.2
ELECTRICAL CONNECTIONS
6.2.1
Power/Ground Connections and Decoupling
Testing and operating the GX1 processor requires the use
of standard high frequency techniques to reduce parasitic
effects. These effects can be minimized by filtering the DC
power leads with low-inductance decoupling capacitors,
using low-impedance wiring, and by connecting all VCC2
and VCC3 pins to the appropriate voltage levels.
6.2.1.1
Power Planes
Figure 6-1 shows layout recommendations for splitting the
power plane between VCC2 (core: 1.6V, 1.8V, 2.0V) and
VCC3 (I/O: 3.3V) volts in the BGA package. The illustration
assumes there is one power plane, and no components on
the back of the board.
Figure 6-2 shows layout recommendations for splitting the
power plane between VCC2 (core: 1.6V, 1.8V, 2.0V) and
VCC3 (I/O: 3.3V) volts in the SPGA package.
Figure 6-1. BGA Recommended Split Power Plane and Decoupling
1
26
A
AF
AF
A
26
1
= High frequency capacitor
= 220 µF, low ESR capacitor
= 3.3V connection
= 1.6V, 1.8V, or 2.0V connection
352 BGA - Top View
1.6V, 1.8V, or 2.0V Plane
(VCC2)
3.3V Plane
(VCC3)
3.3V Plane
(VCC3)
3.3V Plane
(VCC3)
1.6V, 1.8V, or 2.0V Plane
(VCC2)
Legend
Geode™ GX1
Processor
3.3V Plane
(VCC3)
Note: Where signals cross plane splits, it is recommended to include
AC decoupling between planes with 47 pF capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com