Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 190 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 190 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 186Page - National Semiconductor (TI) GX1 Datasheet HTML 187Page - National Semiconductor (TI) GX1 Datasheet HTML 188Page - National Semiconductor (TI) GX1 Datasheet HTML 189Page - National Semiconductor (TI) GX1 Datasheet HTML 190Page - National Semiconductor (TI) GX1 Datasheet HTML 191Page - National Semiconductor (TI) GX1 Datasheet HTML 192Page - National Semiconductor (TI) GX1 Datasheet HTML 193Page - National Semiconductor (TI) GX1 Datasheet HTML 194Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 247 page
background image
www.national.com
190
Revision 1.0
Electrical Specifications (Continued)
6.4
RECOMMENDED OPERATING CONDITIONS
Table 6-4 lists the recommended operating conditions for the GX1 processor.
Table 6-4. Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
Comments
TC
Operating Case Temperature
0
85
°C
VCC2
Core Supply Voltage1
1.
This parameter is calculated as nominal ±5%.
1.6V (Nominal)
1.52
1.68
V
1.8V (Nominal)
1.71
1.89
V
2.0V (Nominal)
1.90
2.10
V
VCC3
Supply Voltage (3.3V Nominal)1
3.14
3.46
V
VIH
Input High Voltage2
2.
Pin is not tolerant to the PCI 5 Volt Signaling Environment DC specification.
All except PCI bus and SYSCLK
2.0
VCC3+0.5
V
SYSCLK
2.7
VCC3+0.5
V
VIL
Input Low Voltage
All except PCI bus and SYSCLK
–0.5
0.8
V
PCI bus
–0.5
0.3VCC3
V
SYSCLK
–0.5
0.4
V
IOH
Output High Current
–2mA
VO =VOH (Min)
IOL
Output Low Current
5
mA
VO =VOL (Max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com