Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 192 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 192 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 188Page - National Semiconductor (TI) GX1 Datasheet HTML 189Page - National Semiconductor (TI) GX1 Datasheet HTML 190Page - National Semiconductor (TI) GX1 Datasheet HTML 191Page - National Semiconductor (TI) GX1 Datasheet HTML 192Page - National Semiconductor (TI) GX1 Datasheet HTML 193Page - National Semiconductor (TI) GX1 Datasheet HTML 194Page - National Semiconductor (TI) GX1 Datasheet HTML 195Page - National Semiconductor (TI) GX1 Datasheet HTML 196Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 247 page
background image
www.national.com
192
Revision 1.0
Electrical Specifications (Continued)
6.5.2.3
Definition of System Conditions for Measuring “On” Parameters
Processor current is highly dependent two functional char-
acteristics, DCLK (DOT clock) and SDRAM frequency.
Table 6-6 shows how these factors are controlled when
measuring the typical average and absolute maximum pro-
cessor current parameters.
Table 6-6. System Conditions Used to Determine CPU’s Current Used During the "On" State
CPU Current Measurement
System Conditions
VCC2
1
VCC3
1
DCLK Freq2
SDRAM Freq3
Typical Average
Nominal
Nominal
50 MHz4
Nominal5
Absolute Maximum
Max
Max
135 MHz6
Max7
1.
See Table 6-4 on page 190 for nominal and maximum voltages.
2.
Not all system designs support display modes that require a DCLK of 135 MHz. Therefore, absolute maximum current
will not be realized in all system designs. Refer to the de-rating curve in Figure 6-3 on page 196 to calculate absolute
maximum current based on the system’s parameters.
3.
SDRAM speeds between 79 MHz and 100 MHz are only supported for particular types of closed system designs. There-
fore, absolute maximum current will not be realized in most system designs. Refer to the de-rating curve in Figure 6-3
on page 196 to calculate absolute maximum current based on the system’s parameters.
4.
A DCLK frequency of 50 MHz is derived by setting the display mode to 800x600x8 bpp at 75 Hz, using a display image
of vertical stripes (4-pixel wide) alternating between black and white with power management disabled.
5.
SDRAM nominal frequency represents a single value that the memory controller can be configured for, between 66 MHz
and 78 MHz, based on a given core clock frequency:
166 MHz (5x) / 2.5 = 66.67 MHz
200 MHz (6x) / 3.0 = 66.67 MHz
233 MHz (7x) / 3.0 = 77.78 MHz
266 MHz (8x) / 3.5 = 76.19 MHz
300 MHz (9x) / 4.0 = 75.0 MHz
6.
A DCLK frequency of 135 MHz is derived by setting the display mode to 1280x1024x8 bpp at 75 Hz, using a display
image of vertical stripes (1-pixel wide) alternating between black and white with power management disabled.
7.
SDRAM max frequency represents the highest frequency that the memory controller can be configured, up to 100 MHz,
based on a given core clock frequency:
166 MHz (5x) / 2.0 = 83.3 MHz
200 MHz (6x) / 2.0 = 100.0 MHz
233 MHz (7x) / 2.5 = 93.3 MHz
266 MHz (8x) / 3.0 = 88.9 MHz
300 MHz (9x) / 3.0 = 100.0 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com