Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 194 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 194 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 190Page - National Semiconductor (TI) GX1 Datasheet HTML 191Page - National Semiconductor (TI) GX1 Datasheet HTML 192Page - National Semiconductor (TI) GX1 Datasheet HTML 193Page - National Semiconductor (TI) GX1 Datasheet HTML 194Page - National Semiconductor (TI) GX1 Datasheet HTML 195Page - National Semiconductor (TI) GX1 Datasheet HTML 196Page - National Semiconductor (TI) GX1 Datasheet HTML 197Page - National Semiconductor (TI) GX1 Datasheet HTML 198Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 247 page
background image
www.national.com
194
Revision 1.0
Electrical Specifications (Continued)
Table 6-9. 1.8V DC Characteristics for CPU Mode = “On” (at Recommended Operating Conditions)
Symbol
Parameter1
Typ
Avg
Abs
Max
Units
Comments
ICC3ON
I/O Current @ VCC3 = 3.3V (Nominal); CPU mode = "On"
ICC3 at fCLK = 233 MHz
160
320
mA
ICC for VCC3
ICC3 at fCLK = 266 MHz
160
320
ICC2ON
Core Current @ VCC2 =1.8V (Nominal);CPU mode = “On”
ICC2 at fCLK = 233 MHz
680
860
mA
ICC for VCC2
ICC2 at fCLK = 266 MHz
760
960
1.
fCLK ratings refer to internal clock frequency.
Table 6-10. 1.8V DC Characteristics for CPU Mode = “Active Idle”, “Standby”, and “Sleep”
(at Recommended Operating Conditions)
Symbol
Parameter1
Min
Typ
Max
Units
Comments
ICC3IDLE
I/O Current @ VCC3 = 3.3V (Nominal); CPU mode = "Active Idle"
ICC3IDLE at fCLK = 233 MHz
140
mA
ICC for VCC3
ICC3IDLE at fCLK = 266 MHz
140
ICC3STBY
I/O Current @ VCC3 =3.3V (Nominal);
CPU mode = "Standby"
10
mA
ICC for VCC3
2
ICC3SLP
I/O Current @ VCC3 =3.3V (Nominal);
CPU mode = "Sleep"
5mA
ICC for VCC3
3
ICC2IDLE
Core Current @ VCC2 =1.8V (Nominal); CPU mode = “Active Idle”
ICC2IDLE at fCLK = 233 MHz
170
mA
ICC for VCC2
ICC2IDLE at fCLK = 266 MHz
185
ICC2STBY
Core Current @ VCC2 =1.8V(Nominal);
CPU mode = “Standby”
18
mA
ICC for VCC2
2
ICC2SLP
Core Current @ VCC2 =1.8V(Nominal);
CPU mode = “Sleep”
8mA
ICC for VCC2
3
1.
fCLK ratings refer to internal clock frequency.
2.
All inputs are at 0.2V or VCC3 – 0.2 (CMOS levels). All inputs except clock are held static, and all outputs are unloaded
(static IOUT =0 mA).
3.
All inputs are at 0.2V or VCC3 – 0.2 (CMOS levels). All inputs are held static, and all outputs are unloaded (static IOUT
=0 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com