Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 198 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 198 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 194Page - National Semiconductor (TI) GX1 Datasheet HTML 195Page - National Semiconductor (TI) GX1 Datasheet HTML 196Page - National Semiconductor (TI) GX1 Datasheet HTML 197Page - National Semiconductor (TI) GX1 Datasheet HTML 198Page - National Semiconductor (TI) GX1 Datasheet HTML 199Page - National Semiconductor (TI) GX1 Datasheet HTML 200Page - National Semiconductor (TI) GX1 Datasheet HTML 201Page - National Semiconductor (TI) GX1 Datasheet HTML 202Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 247 page
background image
www.national.com
198
Revision 1.0
Electrical Specifications (Continued)
Table 6-14. Clock Signals (Refer to Figures 6-5 and 6-6)
Symbol
Parameter
SYSCLK = 33 MHz
Units
Min
Typ
Max
t1
SYSCLK Period1
29.75
30.0
30.25
ns
t2
SYSCLK Period Stability
±250
ps
t3
SYSCLK High Time
10.5
ns
t4
SYSCLK Low Time
10.5
ns
t5
SYSCLK Fall Time2
0.5
1.5
ns
t6
SYSCLK Rise Time2
0.5
1.5
ns
t9
SDCLK_OUT, SDCLK[3:0] Period3
200 MHz / 3
1315.017
ns
233 MHz / 3
10.9
12.9
14.9
233 MHz / 3.5
13
15.0
17
266 MHz / 3.5
11.1
13.1
15.1
266 MHz / 4
1315.017
300 MHz / 4
11.3
13.3
15.3
t10
SDCLK_OUT, SDCLK[3:0] High Time3
200 MHz / 3
6.0
ns
233 MHz / 3
5.0
233 MHz / 3.5
6.0
266 MHz / 3.5
5.0
266 MHz / 4
6.0
300 MHz / 4
5.0
t11
SDCLK_OUT, SDCLK[3:0] Low Time3
200 MHz / 3
6.0
ns
233 MHz / 3
5.0
233 MHz / 3.5
6.0
266 MHz / 3.5
5.0
266 MHz / 4
6.0
300 MHz / 4
5.0
t12
SDCLK_OUT, SDCLK[3:0] Fall Time2
200 MHz / 3
0.5
ns
233 MHz / 3
0.5
233 MHz / 3.5
0.5
266 MHz / 3.5
0.5
266 MHz / 4
0.5
300 MHz / 4
.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com