Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 196 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 196 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 192Page - National Semiconductor (TI) GX1 Datasheet HTML 193Page - National Semiconductor (TI) GX1 Datasheet HTML 194Page - National Semiconductor (TI) GX1 Datasheet HTML 195Page - National Semiconductor (TI) GX1 Datasheet HTML 196Page - National Semiconductor (TI) GX1 Datasheet HTML 197Page - National Semiconductor (TI) GX1 Datasheet HTML 198Page - National Semiconductor (TI) GX1 Datasheet HTML 199Page - National Semiconductor (TI) GX1 Datasheet HTML 200Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 247 page
background image
www.national.com
196
Revision 1.0
Electrical Specifications (Continued)
6.6
I/O CURRENT DE-RATING CURVE
As mentioned Section 6.5.2.3 “Definition of System Condi-
tions for Measuring “On” Parameters” on page 192, the I/O
current of the processor is affected by two system parame-
ters, DCLK and SDRAM frequency. A de-rating curve (see
Figure 6-3) is provided so that the system designer can
determine the absolute maximum I/O current used by the
processor for a particular design. Core current is not signif-
icantly affected by these two parameters, so a core current
de-rating curve is not provided.
6.6.1
Display Resolution
The change in current of five common display resolutions is
used to extrapolate the de-rating curve. DCLK is derived
from the display resolution, color depth, and refresh rate.
The relationship between DCLK and I/O current is linear.
The system designer must determine the maximum DCLK
frequency required in the system based on the maximum
display that will be supported.
6.6.2
Memory Speed
Each device in the GX1 processor series is defined by a
particular core voltage and core frequency. The SDRAM
frequency is derived internally by a programmable divisor
of the core frequency. Typically, there are three SDRAM
frequencies between 55 and 100 MHz that can be derived
from a single core frequency. These three frequencies are
provided in the following de-rating curve so that their effect
on current can be seen. Just as with the display resolution,
current de-rating due to memory speed is linear. SDRAM
frequencies between 79 and 100 MHz are only supported
for certain types of closed systems and strict design rules
must be adhered to. For further details, please contact your
local National Semiconductor technical support represen-
tative.
6.6.3
I/O Current De-rating Curve
The I/O current de-rating curve, shown in Figure 6-3, is the
same for all devices in the GX1 series of processors. While
the memory speeds for the various core frequencies are
different, the three memory speeds for each device pro-
duce the same de-rating effect.
Figure 6-3. Absolute Max I/O Current De-rating Curve
(All Speeds and Core Voltages)
-120
0
-160
-40
-80
Mem 2
Mem 3
Mem 1
MHz
Mem 1 MHz
Mem 2 MHz
Mem 3 MHz
166
÷2.0
83.3
÷2.5
66.7
÷3.0
55.6
200
÷2.0
100
÷2.5
80
÷3.0
66.7
233
÷2.5
93.3
÷3.0
77.8
÷3.5
66.7
266
÷3.0
88.9
÷3.5
76.2
÷4.0
66.7
300
÷3.5
85.7
÷4.0
75.0
÷4.5
66.7
1024x768x75 Hz,
(DCLK = 79 MHz)
1280x1024x60 Hz,
(DCLK = 108 MHz)
Note:
Pixel color depth does not affect power consumption or DCLK frequency.
800x600x72 Hz,
(DCLK = 50 MHz)
640x480x72 Hz,
(DCLK = 32 MHz)
1024x768x75 Hz,
(DCLK = 79 MHz)
Absolute Maximum
-140
-100
-60
-20
Mem 2
Mem 3
Mem 1
1280x1024x75 Hz,
(DCLK = 135 MHz)
Mem 2
Mem 3
Mem 1
Mem 2
Mem 3
Mem 1
Mem 2
Mem 3
Mem 1
Di
sp
lay
Re
so
lut
ion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com