Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 197 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 197 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 193Page - National Semiconductor (TI) GX1 Datasheet HTML 194Page - National Semiconductor (TI) GX1 Datasheet HTML 195Page - National Semiconductor (TI) GX1 Datasheet HTML 196Page - National Semiconductor (TI) GX1 Datasheet HTML 197Page - National Semiconductor (TI) GX1 Datasheet HTML 198Page - National Semiconductor (TI) GX1 Datasheet HTML 199Page - National Semiconductor (TI) GX1 Datasheet HTML 200Page - National Semiconductor (TI) GX1 Datasheet HTML 201Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 247 page
background image
Revision 1.0
197
www.national.com
Electrical Specifications (Continued)
6.7
AC CHARACTERISTICS
The following tables list the AC characteristics including
output delays, input setup requirements, input hold require-
ments, and output float delays. The rising-clock-edge refer-
ence level VREF, and other reference levels are shown in
Table 6-13. Input or output signals must cross these levels dur-
ing testing.
Input setup and hold times are specified minimums that
define the smallest acceptable sampling window for which
a synchronous input signal must be stable for correct opera-
tion.
All AC tests are performed at VCC2 = 1.52V to 1.68V (1.6V
Nominal), VCC2 = 1.71V to 1.89V (1.8V Nominal), VCC2 =
1.9V to 2.1V (2.0V Nominal), VCC3 = 3.0V to 3.6V (3.3V
Nominal), TC =0
oCto 85oC, R
L = 50 ohms, and CL =50pF
unless otherwise specified
While most minimum, maximum, and typical AC character-
istics are only shown as a single value, they are tested and
guaranteed across the entire processor core voltage range
of 1.6V to 2.0V (nominal). AC characteristics that are
affected significantly by the core voltage or speed grade
are documented accordingly.
Figure 6-4. Drive Level and Measurement Points for Switching Characteristics
Table 6-13. Drive Level and Measurement Points
for Switching Characteristics
Symbol
Voltage (V)
VREF
1.5
VIHD
2.4
VILD
0.4
CLK
OUTPUTS
INPUTS
VIHD
VILD
VREF
Valid Input
Valid Output n+1
Valid Output n
VREF
VREF
VILD
VIHD
Min
Max
Legend: A = Maximum Output Delay Specification
B = Minimum Output Delay Specification
C = Minimum Input Setup Specification
D = Minimum Input Hold Specification
TX
B
A
CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com