Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 202 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 202 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 198Page - National Semiconductor (TI) GX1 Datasheet HTML 199Page - National Semiconductor (TI) GX1 Datasheet HTML 200Page - National Semiconductor (TI) GX1 Datasheet HTML 201Page - National Semiconductor (TI) GX1 Datasheet HTML 202Page - National Semiconductor (TI) GX1 Datasheet HTML 203Page - National Semiconductor (TI) GX1 Datasheet HTML 204Page - National Semiconductor (TI) GX1 Datasheet HTML 205Page - National Semiconductor (TI) GX1 Datasheet HTML 206Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 247 page
background image
www.national.com
202
Revision 1.0
Electrical Specifications (Continued)
Figure 6-9. Output Valid Timing
Figure 6-10. Setup and Hold Timings - Read Data In
Table 6-17. SDRAM Interface Signals (Refer to Figures 6-9 and 6-10)
Symbol
Parameter
Min
Max
Unit
t1
RASA#, RASB#, CASA#, CASB#,
WEA#, WEB#, CKEA, CKEB, DQM[7:0],
CS[3:0]# Ouput Valid from SDCLK[3:0]
t1 Min = z – 1.31
t1 Max= z+ 0.51
ns
t2
MA[12:0], BA[1:0] Output Valid from
SDCLK[3:0]
t2 Min = z – 1.21
t2 Max= z+ 0.61
ns
t3
MD[63:0] Output Valid from SDCLK[3:0]
t2 Min = z – 1.31
t3 Max= z+ 1.11
ns
t4
MD[63:0] Read Data in Setup to
SDCLK_IN
0.6
ns
t5
MD[63:0] Read Data Hold to SDCLK_IN
2.1
ns
1.
Calculation of minimum and maximum values of t1, t2, and t3: (see Figure 4-10 on page 124)
x =shift value applied to SHFTSDCLK field where SHFTSDCLK field = GX_BASE+8404h[5:3].
y = core clock period ÷ 2
z= (x *y)
Equation Example:
A 200 MHz GX1 processor interfacing with a 66 MHz SDRAM bus, having a shift value of 2:
x= 2
core clock period = 1/(200 MHz) = 5 ns
y= 5 ÷ 2
t1 Min = (2 * (5 ÷ 2)) – 1.3 = 3.7 ns
t1 Max = (2 * (5 ÷ 2)) + 0.5 = 5.5 ns
SDCLK[3:0]
CNTRL, MA[12:0],
BA[1:0], MD[63:0]
t1, t2, t3
Valid
SDCLK_IN
MD[63:0]
Read Data In
t4
t5
Data Valid
Data Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com