Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 205 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 205 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 201Page - National Semiconductor (TI) GX1 Datasheet HTML 202Page - National Semiconductor (TI) GX1 Datasheet HTML 203Page - National Semiconductor (TI) GX1 Datasheet HTML 204Page - National Semiconductor (TI) GX1 Datasheet HTML 205Page - National Semiconductor (TI) GX1 Datasheet HTML 206Page - National Semiconductor (TI) GX1 Datasheet HTML 207Page - National Semiconductor (TI) GX1 Datasheet HTML 208Page - National Semiconductor (TI) GX1 Datasheet HTML 209Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 247 page
background image
Revision 1.0
205
www.national.com
Electrical Specifications (Continued)
Figure 6-14. TCK Timing and Measurement Points
Table 6-19. JTAG AC Specification (Refer to Figures 6-14 and 6-15)
Symbol
Parameter
Min
Max
Unit
TCK Frequency (MHz)
25
MHz
t1
TCK Period
40
ns
t2
TCK High Time
10
ns
t3
TCK Low Time
10
ns
t4
TCK Rise Time
4
ns
t5
TCK Fall Time
4
ns
t6
TDO Valid Delay
3
25
ns
t7
Non-test Outputs Valid Delay
3
25
ns
t8
TDO Float Delay
30
ns
t9
Non-test Outputs Float Delay
36
ns
t10
TDI, TMS Setup Time
8
ns
t11
Non-test Inputs Setup Time
8
ns
t12
TDI, TMS Hold Time
7
ns
t13
Non-test Inputs Hold Time
7
ns
TCK
1.5 V
VIH(Min)
VIL(Max)
t2
t1
t4
t5
t3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com