Electronic Components Datasheet Search
  English  ▼

X  

GX1 Datasheet(PDF) 208 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 208 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 204Page - National Semiconductor (TI) GX1 Datasheet HTML 205Page - National Semiconductor (TI) GX1 Datasheet HTML 206Page - National Semiconductor (TI) GX1 Datasheet HTML 207Page - National Semiconductor (TI) GX1 Datasheet HTML 208Page - National Semiconductor (TI) GX1 Datasheet HTML 209Page - National Semiconductor (TI) GX1 Datasheet HTML 210Page - National Semiconductor (TI) GX1 Datasheet HTML 211Page - National Semiconductor (TI) GX1 Datasheet HTML 212Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 247 page
background image
www.national.com
208
Revision 1.0
Package Specifications (Continued)
7.1.1
Heatsink Considerations
Table 7-2 shows the maximum allowed thermal resistance
of a heatsink for particular operating environments. The
calculated values, defined as
θ
CA, represent the required
ability of a particular heatsink to transfer heat generated by
the processor from its case into the air, thereby maintaining
the case temperature at or below 85°C. Because
θ
CA is a
measure of thermal resistivity, it is inversely proportional to
the heatsink’s ability to dissipate heat or it’s thermal conduc-
tivity.
Note:
A "perfect" heatsink would be able to maintain a
case temperature equal to that of the ambient air
inside the system chassis.
Looking at Table 7-2, it can be seen that as ambient tem-
perature (TA) increases, θCA decreases, and that as power
consumption
of
the
processor
(P)
increases,
θ
CA
decreases. Thus, the ability of the heatsink to dissipate ther-
mal energy must increase as the processor power
increases and as the temperature inside the enclosure
increases.
While
θ
CA is a useful parameter to calculate, heatsinks are
not typically specified in terms of a single
θ
CA.Thisis
because the thermal resistivity of a heatsink is not constant
across power or temperature. In fact, heatsinks become
slightly less efficient as the amount of heat they are trying
to dissipate increases. For this reason, heatsinks are typi-
cally specified by graphs that plot heat dissipation (in watts)
vs. mounting surface (case) temperature rise above ambi-
ent (in °C). This method is necessary because ambient and
case temperatures fluctuate constantly during normal oper-
ation of the system. The system designer must be careful
to choose the proper heatsink by matching the required
θ
CA with the thermal dissipation curve of the device under
the entire range of operating conditions in order to make
sure that the maximum case temperature (from table Table
6-4 on page 190) is never exceeded. To choose the proper
heatsink, the system designer must make sure that the cal-
culated
θ
CA falls above the curve (shaded area). The curve
itself defines the minimum temperature rise above ambient
that the heatsink can maintain.
See Figure 7-1 as an example of a particular heatsink
under consideration.
Figure 7-1. Heatsink Example
Table 7-2. Case-to-Ambient Thermal Resistance Examples @ 85°C
Core Voltage
(VCC2)
Core
Frequency
Maximum
Power (W)
θ
CA for Different Ambient Temperatures (°C/W)
20°C
25°C
30°C
35°C
40°C
2.0V
(Nominal)
300 MHz
3.7
17
16
15
13
12
1.8V
(Nominal)
266 MHz
3.0
22
20
19
17
15
233 MHz
2.8
23
22
20
18
16
1.6V
(Nominal)
200 MHz
2.3
29
26
24
22
20
0
10
20
30
40
50
24
6
8
10
θ
CA = 45/9 = 5
Heat Dissipated - Watts
θ
CA = 45/5 = 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com